Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22965N Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS22965N
Description  5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965N Datasheet(HTML) 4 Page - Texas Instruments

  TPS22965N Datasheet HTML 1Page - Texas Instruments TPS22965N Datasheet HTML 2Page - Texas Instruments TPS22965N Datasheet HTML 3Page - Texas Instruments TPS22965N Datasheet HTML 4Page - Texas Instruments TPS22965N Datasheet HTML 5Page - Texas Instruments TPS22965N Datasheet HTML 6Page - Texas Instruments TPS22965N Datasheet HTML 7Page - Texas Instruments TPS22965N Datasheet HTML 8Page - Texas Instruments TPS22965N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
VIN
VIN
VBIAS
VOUT
VOUT
CT
GND
ON
1
2
3
4
8
7
6
5
VIN
VIN
ON
VBIAS
GND
VOUT
VOUT
CT
1
2
3
4
8
7
6
5
4
TPS22965
SLVSBJ0F – AUGUST 2012 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS22965
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RON AT 3.3 V (TYP)
QUICK OUTPUT
DISCHARGE
MAXIMUM OUTPUT CURRENT
ENABLE
TPS22965
16 mΩ
Yes
6 A
Active high
TPS22965N
16 mΩ
No
6 A
Active high
6 Pin Configuration and Functions
DSG PACKAGE
8-Pin WSON
Top View
DSG PACKAGE
8-Pin WSON
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
No.
NAME
1
VIN
I
Switch input. Input bypass capacitor recommended for minimizing VIN dip. Must be
connected to Pin 1 and Pin 2. See the Application and Implementation section for more
information
2
3
ON
I
Active high switch control input. Do not leave floating
4
VBIAS
I
Bias voltage. Power supply to the device. Recommended voltage range for this pin is 2.5 V
to 5.7 V. See the Application and Implementation section for more information
5
GND
Device ground
6
CT
O
Switch slew rate control. Can be left floating. See the Adjustable Rise Time section for more
information
7
VOUT
O
Switch output
8
Thermal Pad
Thermal pad (exposed center pad) to alleviate thermal stress. Tie to GND. See the Layout
Example section for layout guidelines


Similar Part No. - TPS22965N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965NQWDSGRQ1 TI1-TPS22965NQWDSGRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965NQWDSGTQ1 TI1-TPS22965NQWDSGTQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965NTDSGRQ1 TI1-TPS22965NTDSGRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965NTDSGTQ1 TI1-TPS22965NTDSGTQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
More results

Similar Description - TPS22965N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com