Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2296xC Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2296xC
Description  5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2296xC Datasheet(HTML) 2 Page - Texas Instruments

  TPS2296xC Datasheet HTML 1Page - Texas Instruments TPS2296xC Datasheet HTML 2Page - Texas Instruments TPS2296xC Datasheet HTML 3Page - Texas Instruments TPS2296xC Datasheet HTML 4Page - Texas Instruments TPS2296xC Datasheet HTML 5Page - Texas Instruments TPS2296xC Datasheet HTML 6Page - Texas Instruments TPS2296xC Datasheet HTML 7Page - Texas Instruments TPS2296xC Datasheet HTML 8Page - Texas Instruments TPS2296xC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPS22963C, TPS22964C
SLVSBS6A – JUNE 2013 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
10
Detailed Description ........................................... 14
10.1
Overview ............................................................... 14
2
Applications ........................................................... 1
10.2
Functional Block Diagram ..................................... 14
3
Description ............................................................. 1
10.3
Feature Description............................................... 15
4
Simplified Schematic............................................. 1
10.4
Device Functional Modes...................................... 15
5
Revision History..................................................... 2
11
Application and Implementation........................ 15
6
Device Comparison Table..................................... 3
11.1
Application Information.......................................... 15
7
Pin Configuration and Functions ......................... 3
11.2
Typical Application ................................................ 17
8
Specifications......................................................... 4
12
Power Supply Recommendations ..................... 19
8.1
Absolute Maximum Ratings ...................................... 4
13
Layout................................................................... 19
8.2
ESD Ratings.............................................................. 4
13.1
Layout Guidelines ................................................. 19
8.3
Recommended Operating Conditions ....................... 4
13.2
Layout Example .................................................... 19
8.4
Thermal Information .................................................. 4
14
Device and Documentation Support ................. 20
8.5
Electrical Characteristics........................................... 5
14.1
Related Links ........................................................ 20
8.6
Switching Characteristics .......................................... 6
14.2
Trademarks ........................................................... 20
8.7
Typical Electrical Characteristics .............................. 7
14.3
Electrostatic Discharge Caution ............................ 20
8.8
Typical Switching Characteristics ............................. 9
14.4
Glossary ................................................................ 20
8.9
Typical AC Scope Captures at TA = 25ºC ............. 10
15
Mechanical, Packaging, and Orderable
9
Parametric Measurement Information ............... 13
Information ........................................................... 20
5 Revision History
Changes from Original (June 2013) to Revision A
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS22963C TPS22964C


Similar Part No. - TPS2296xC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2296XC TI-TPS2296XC Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS2296xC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com