Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2296xC Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2296xC
Description  5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2296xC Datasheet(HTML) 5 Page - Texas Instruments

  TPS2296xC Datasheet HTML 1Page - Texas Instruments TPS2296xC Datasheet HTML 2Page - Texas Instruments TPS2296xC Datasheet HTML 3Page - Texas Instruments TPS2296xC Datasheet HTML 4Page - Texas Instruments TPS2296xC Datasheet HTML 5Page - Texas Instruments TPS2296xC Datasheet HTML 6Page - Texas Instruments TPS2296xC Datasheet HTML 7Page - Texas Instruments TPS2296xC Datasheet HTML 8Page - Texas Instruments TPS2296xC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS22963C, TPS22964C
www.ti.com
SLVSBS6A – JUNE 2013 – REVISED JANUARY 2015
8.5 Electrical Characteristics
VIN = 1 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
IOUT = 0, VON = VIN = 5 V
Full
66.5
96
IOUT = 0, VON = VIN = 4.5 V
Full
57
82
IOUT = 0, VON = VIN = 3.3 V
Full
38
60
IOUT = 0, VON = VIN = 2.5 V
Full
33.3
55
IQ, VIN
Quiescent current
µA
IOUT = 0, VON = VIN = 1.8 V
Full
28.3
45
IOUT = 0, VON = VIN = 1.2 V
Full
22.8
36
IOUT = 0, VON = VIN = 1.1 V
Full
21.6
34
IOUT = 0, VON = VIN = 1 V
Full
20.3
33
VON = 0, VIN = 5 V, VOUT = 0 V
Full
0.76
2
ISD, VIN
Shut down current
µA
VON = 0, VIN = 1 V, VOUT = 0 V
Full
0.07
0.8
25
˚C
13.3
21
VIN = 5 V, IOUT = –200 mA
m
Ω
Full
26
25
˚C
13.3
21
VIN = 4.5 V, IOUT = –200 mA
m
Ω
Full
26
25
˚C
13.8
22
VIN = 3.3 V, IOUT = –200 mA
m
Ω
Full
27
25
˚C
15.4
24
VIN = 2.5 V, IOUT = –200 mA
m
Ω
Full
29
RON
On-resistance
25
˚C
18.2
28
VIN = 1.8 V, IOUT = –200 mA
m
Ω
Full
33
25
˚C
25.6
37
VIN = 1.2 V, IOUT = –200 mA
m
Ω
Full
44
25
˚C
28.7
41
VIN = 1.1 V, IOUT = –200 mA
m
Ω
Full
50
25°C
33.8
48
VIN = 1 V, IOUT = –200 mA
m
Ω
Full
60
VIN = 5 V
Full
115
VIN = 4.5 V
Full
105
VIN = 3.3 V
Full
80
VIN = 2.5 V
Full
65
VHYS, ON
ON pin hysteresis
mV
VIN = 1.8 V
Full
50
VIN = 1.2 V
Full
35
VIN = 1.1 V
Full
30
VIN = 1 V
Full
30
ION
ON pin leakage current
VON = 1.1 V to 5.5 V
Full
150
nA
25°C
–0.02
IRC, VIN
Reverse current when disabled
VIN = VON = 0 V, VOUT = 5 V
µA
85°C
–2.1
RPD
(1)
Output pulldown resistance
VON = 0 V, IOUT = 2 mA
Full
273
325
(1)
Available in TPS22964 only.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS22963C TPS22964C


Similar Part No. - TPS2296xC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2296XC TI-TPS2296XC Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS2296xC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com