Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22964CYZPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22964CYZPR
Description  5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22964CYZPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22964CYZPR Datasheet HTML 3Page - Texas Instruments TPS22964CYZPR Datasheet HTML 4Page - Texas Instruments TPS22964CYZPR Datasheet HTML 5Page - Texas Instruments TPS22964CYZPR Datasheet HTML 6Page - Texas Instruments TPS22964CYZPR Datasheet HTML 7Page - Texas Instruments TPS22964CYZPR Datasheet HTML 8Page - Texas Instruments TPS22964CYZPR Datasheet HTML 9Page - Texas Instruments TPS22964CYZPR Datasheet HTML 10Page - Texas Instruments TPS22964CYZPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0.000
0.200
0.400
0.600
0.800
1.000
1.200
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
-40°C
25°C
85°C
C005
V
ON = 0V, VOUT = 0V
0.000
0.200
0.400
0.600
0.800
1.000
1.200
-40
-15
10
35
60
85
Temperature (
SC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C026
V
ON = 0V, VOUT = 0V
0
10
20
30
40
50
60
70
80
90
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
IN (V)
-40°C
25°C
85°C
C001
V
OUT = Open, VON = VIN
0
20
40
60
80
100
-40
-15
10
35
60
85
Temperature (
SC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C002
V
OUT = Open, VON = VIN
0
5
10
15
20
25
30
35
40
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
-40°C
25°C
85°C
C003
I
OUT = -200mA
0
10
20
30
40
50
-40
-15
10
35
60
85
Temperature (
SC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C004
I
OUT = -200mA
TPS22963C, TPS22964C
www.ti.com
SLVSBS6A – JUNE 2013 – REVISED JANUARY 2015
8.7 Typical Electrical Characteristics
Figure 1. On Resistance vs VIN
Figure 2. On Resistance vs Temperature
Figure 3. Quiescent Current vs VIN
Figure 4. Quiescent Current vs Temperature
Figure 5. Shut Down Current vs VIN
Figure 6. Shut Down Current vs Temperature
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22963C TPS22964C


Similar Part No. - TPS22964CYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22964CYZPR TI-TPS22964CYZPR Datasheet
569Kb / 20P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
TPS22964CYZPR TI1-TPS22964CYZPR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22964CYZPR TI-TPS22964CYZPR Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS22964CYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com