Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22975DSGT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22975DSGT
Description  5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22975DSGT Datasheet(HTML) 4 Page - Texas Instruments

  TPS22975DSGT Datasheet HTML 1Page - Texas Instruments TPS22975DSGT Datasheet HTML 2Page - Texas Instruments TPS22975DSGT Datasheet HTML 3Page - Texas Instruments TPS22975DSGT Datasheet HTML 4Page - Texas Instruments TPS22975DSGT Datasheet HTML 5Page - Texas Instruments TPS22975DSGT Datasheet HTML 6Page - Texas Instruments TPS22975DSGT Datasheet HTML 7Page - Texas Instruments TPS22975DSGT Datasheet HTML 8Page - Texas Instruments TPS22975DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TPS22975
SLVSDD0A – MAY 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS22975
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
6
V
VOUT
Output voltage
–0.3
6
V
VBIAS
Bias voltage
–0.3
6
V
VON
On voltage
–0.3
6
V
IMAX
Maximum continuous switch current
6
A
IPLS
Maximum pulsed switch current, pulse < 300 µs, 2% duty cycle
8
A
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
See the Application Information section.
(2)
In applications where high power dissipation and-or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated and device lifetime may be affected. Maximum ambient temperature (TA(max)) is dependent on the maximum
operating junction temperature (TJ(max)), the maximum power dissipation of the device in the application (PD(max)), and the junction-to-
ambient thermal resistance of the part-package in the application (
θJA), and can be approximated by the following equation: TA (max) =
TJ(max) – (θJA × PD(max)).
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Input voltage
0.6
VBIAS
V
VBIAS
Bias voltage
2.5
5.7
V
VON
ON voltage
0
5.7
V
VOUT
Output voltage
VIN
V
VIH
High-level input voltage, ON
VBIAS = 2.5 V to 5 V
1.1
5.7
V
VBIAS = 5 V to 5.7 V
1.2
5.7
V
VIL
Low-level input voltage, ON
VBIAS = 2.5 V to 5.7 V
0
0.5
V
CIN
Input capacitor
1(1)
µF
TA
Operating free-air temperature(1)(2)
–40
105
°C


Similar Part No. - TPS22975DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22970YZPR TI1-TPS22970YZPR Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22970YZPT TI1-TPS22970YZPT Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPR TI1-TPS22971YZPR Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
More results

Similar Description - TPS22975DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com