Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22994 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22994
Description  Quad Channel Load Switch with GPIO and I2C Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22994 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22994 Datasheet HTML 1Page - Texas Instruments TPS22994 Datasheet HTML 2Page - Texas Instruments TPS22994 Datasheet HTML 3Page - Texas Instruments TPS22994 Datasheet HTML 4Page - Texas Instruments TPS22994 Datasheet HTML 5Page - Texas Instruments TPS22994 Datasheet HTML 6Page - Texas Instruments TPS22994 Datasheet HTML 7Page - Texas Instruments TPS22994 Datasheet HTML 8Page - Texas Instruments TPS22994 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TPS22994
PMIC or
PMU
VBIAS
(2.7 V to
V)
17.2
VIN1
VIN2
VIN3
VIN4
R
L
C
L
ON1
ON2
ON3
ON4
SDA
SCL
ADD1
ADD2
ADD3
µC
VDD
(1.62 to 3.6)
VOUT1
VOUT2
VOUT3
VOUT4
R
L
R
L
R
L
C
L
C
L
C
L
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS22994
SLVSCL4B – AUGUST 2014 – REVISED SEPTEMBER 2014
TPS22994 Quad Channel Load Switch with GPIO and I2C Control
1 Features
2 Applications
1
Input Voltage: 1.0 V to 3.6 V
Ultrathin PC
Low ON-State Resistance (VBIAS = 7.2 V)
Notebook PC
Tablets
RON = 41 mΩ at VIN = 3.3 V
Servers
RON = 41 mΩ at VIN = 1.8 V
All-In-One PC
RON = 41 mΩ at VIN = 1.5 V
RON = 41 mΩ at VIN = 1.0 V
3 Description
VBIAS voltage range: 2.7 V to 17.2 V
The TPS22994 is a multi-channel, low RON load
Suitable for 1S/2S/3S/4S Li-ion Battery
switch with user programmable features. The device
Topologies
contains four N-channel MOSFETs that can operate
1-A Max Continuous Current Per Channel
over an input voltage range of 1.0 V to 3.6 V. The
switch can be controlled by I2C making it ideal for
Quiescent Current
usage with processors that have limited GPIO
Single Channel < 12 µA
available. The rise time of the TPS22994 device is
All Four Channels < 22 µA
internally controlled in order to avoid inrush current.
The TPS22994 has five programmable slew rate
Shutdown Current (All Four Channels) < 7 µA
options, four ON-delay options, and four quick output
Four 1.2-V Compatible GPIO Control Inputs
discharge (QOD) resistance options.
I2C Configuration (Per Channel)
The channels of the device can be controlled via
On/Off Control
either GPIO or I2C. The default mode of operation is
Programmable Slew Rate Control (5 options)
GPIO control through the ONx terminals. The I2C
slave address terminals can be tied high or low to
Programmable ON-delay (4 options)
assign seven unique device addresses.
Programmable Output Discharge (4 options)
The TPS22994 is available in a space-saving RUK
I2C SwitchALL™ Command for Multi-
package (0.4-mm pitch) and is characterized for
channel/Multi-chip Control
operation over the free-air temperature range of
QFN-20 package, 3 mm x 3 mm, 0.75 mm height
–40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22994
WQFN (20)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990DMLR TI1-TPS22990DMLR Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990DMLT TI1-TPS22990DMLT Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990N TI1-TPS22990N Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22990NDMLR TI1-TPS22990NDMLR Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22994

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993 TI1-TPS22993_16 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
   FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
logo
Infineon Technologies A...
BGSX22G6U10 INFINEON-BGSX22G6U10 Datasheet
632Kb / 14P
   DPDT cross switch with GPIO control interface
Revision 2.0 2021-05-21
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com