Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22990NDMLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22990NDMLR
Description  5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22990NDMLR Datasheet(HTML) 3 Page - Texas Instruments

  TPS22990NDMLR Datasheet HTML 1Page - Texas Instruments TPS22990NDMLR Datasheet HTML 2Page - Texas Instruments TPS22990NDMLR Datasheet HTML 3Page - Texas Instruments TPS22990NDMLR Datasheet HTML 4Page - Texas Instruments TPS22990NDMLR Datasheet HTML 5Page - Texas Instruments TPS22990NDMLR Datasheet HTML 6Page - Texas Instruments TPS22990NDMLR Datasheet HTML 7Page - Texas Instruments TPS22990NDMLR Datasheet HTML 8Page - Texas Instruments TPS22990NDMLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
VIN
(thermal pad)
1
2
3
4
5
6
7
8
9
10
CT
NC
VIN
VBIAS
ON
VOUT
VOUT
VOUT
PG
GND
1
2
3
4
5
6
7
8
9
10
VIN
(thermal pad)
CT
NC
VIN
VBIAS
ON
VOUT
VOUT
VOUT
PG
GND
3
TPS22990
www.ti.com
SLVSDK1A – MAY 2016 – REVISED JULY 2016
Product Folder Links: TPS22990
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RON at VBIAS = 5 V
QOD
IMAX
ENABLE
STATUS
TPS22990
3.9 mΩ
Yes
10 A
Active high
ACTIVE
TPS22990N
3.9 mΩ
No
10 A
Active high
PREVIEW
6 Pin Configuration and Functions
DML Package
10-Pin WSON
Top View
DML Package
10-Pin WSON
Bottom View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
CT
O
VOUT slew rate control
2
NC
Not internally connected
3
VIN
I
Switch input. Bypass this input with a ceramic capacitor to GND
4
VBIAS
P
Bias voltage. Power supply to the device
5
ON
I
Active high switch control input. Do not leave floating
6
GND
GND
Device ground
7
PG
O
Power good. Active high, open drain output. Tie to GND if not used
8
VOUT
O
Switch output
9
10
VIN (Thermal Pad)
I
Switch input. VIN and thermal pad (exposed center pad) to alleviate thermal stress. See
the Layout section for layout guidelines


Similar Part No. - TPS22990NDMLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22992 TI-TPS22992 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
TPS22992 TI-TPS22992 Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992RXP TI-TPS22992RXP Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992RXPR TI-TPS22992RXPR Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992S TI-TPS22992S Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
More results

Similar Description - TPS22990NDMLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com