Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22993PRLWT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS22993PRLWT
Description  Quad Channel Load Switch with GPIO and I2C Control
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22993PRLWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22993PRLWT Datasheet HTML 4Page - Texas Instruments TPS22993PRLWT Datasheet HTML 5Page - Texas Instruments TPS22993PRLWT Datasheet HTML 6Page - Texas Instruments TPS22993PRLWT Datasheet HTML 7Page - Texas Instruments TPS22993PRLWT Datasheet HTML 8Page - Texas Instruments TPS22993PRLWT Datasheet HTML 9Page - Texas Instruments TPS22993PRLWT Datasheet HTML 10Page - Texas Instruments TPS22993PRLWT Datasheet HTML 11Page - Texas Instruments TPS22993PRLWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TPS22993
SLVSCA3A – NOVEMBER 2013 – REVISED MARCH 2014
www.ti.com
7.6 Switching Characteristics
Values below are typical values at TA = 25°C. VBIAS = 7.2V (unless otherwise noted).
VIN VOLTAGE
PARAMETER
TEST CONDITION
UNIT
3.3V
1.8V
1.5V
1.05V
Slew rate[4:2] = 000
11
11
11
11
VBIAS = 7.2V,
Slew rate[4:2] = 001
247
181
167
146
RL=10Ω, CL=0.1µF,
tON
VOUTx turn-on time
Slew rate[4:2] = 010
416
302
279
243
µs
QOD[1:0] = 10,
Slew rate[4:2] = 011
761
549
505
438
ON-delay[6:5] = 00
Slew rate[4:2] = 100
1481
1066
980
848
tOFF
VOUTx turn-off time
VBIAS = 7.2V, RL=10Ω, CL=0.1µF, QOD[1:0] = 10, ON-delay[6:5] = 00
2
2
2
2
µs
Slew rate[4:2] = 000
2
1.1
1
0.8
Slew rate[4:2] = 001
307
203
180
147
VBIAS = 7.2V, RL=10Ω, CL=0.1µF,
tR
VOUTx rise time
Slew rate[4:2] = 010
527
346
307
248
µs
QOD[1:0] = 10, ON-delay[6:5] = 00
Slew rate[4:2] = 011
970
638
566
459
Slew rate[4:2] = 100
1898
1245
1105
888
tF
VOUTx fall time
VBIAS = 7.2V, RL=10Ω, CL=0.1µF, QOD[1:0] = 10, ON-delay[6:5] = 00
2
2
2
2
µs
ON delay[4:2] = 00
11
11
11
11
ON delay[4:2] = 01
102
104
105
106
VBIAS = 7.2V, RL=10Ω, CL=0.1µF,
tD
VOUTx ON delay time
µs
QOD[1:0] = 10, Slew rate[6:5] = 000
ON delay[4:2] = 10
324
332
334
338
ON delay[4:2] = 11
923
946
953
965
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS22993


Similar Part No. - TPS22993PRLWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993PRLWT TI1-TPS22993PRLWT Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
More results

Similar Description - TPS22993PRLWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
TPS22994 TI1-TPS22994 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
   FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
logo
Infineon Technologies A...
BGSX22G6U10 INFINEON-BGSX22G6U10 Datasheet
632Kb / 14P
   DPDT cross switch with GPIO control interface
Revision 2.0 2021-05-21
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com