Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL022-1204A5-273H7E1 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL022-1204A5-273H7E1
Description  This data sheet is applied to the LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL022-1204A5-273H7E1 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CLL022-1204A5-273H7E1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-273H7E1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(2) Electro-optical Characteristics
Tc=25C
Chromaticity coordinates ( Condition : IF=240mA, Tc = 25C)
Note: The tolerance of measurement at our tester is VF+/-3% , Φv+/-10% , Chromaticity(x,y)+/-0.005 and Ra+/-1.
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
97
-
-
-
CITILED
Name
CLL022-1204A5-273H7E1
-
C/W
Thermal Resistance
Rj-c
Junction-Case
-
2.1
Luminous Flux
CRI
Φv
IF=240mA
Ra
IF=240mA
-
lm
595
Min.
Typ.
39.9
V
Max.
Unit
700
DATA SHEET
3/11
Forward Voltage
Symbol
IF=240mA
33.6
VF
36.2
Parameter
Condition
Reference (ANSI C78.377)
x
y
x
y
0.4578
0.4101
Center
0.4578
0.4101
a
0.4813
0.4319
a
0.00774
b
0.4562
0.4260
b
0.00411
c
0.4373
0.3893
θ°
57.28
d
0.4593
0.3944
*Color region stay within MacAdam "3-step" ellipse from the chromaticity center.
*The chromaticity center refers to ANSI C78.377:2008.
Please refer to ANSI C78.377 for the chromaticity center.
*θ is the angle between the major axis of the ellipse and the x-axis,
and a and b are the major and minor semi-axes of an ellipse. (Ref. IEC 60081:1997 AnnexD)
2700K
Center
Oval parameter
x-y chart-CIE1931
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.43
0.44
0.45
0.46
0.47
0.48
0.49
x
Color region
Color region
(ANSI)
B.B. Locus
2600K
2900K
2700K
2500K
2800K
Ref.CE-P2637 12/13


Similar Part No. - CLL022-1204A5-273H7E1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL022-1204A5-273H3D2 CITIZEN-CLL022-1204A5-273H3D2 Datasheet
359Kb / 12P
   This data sheet is applied to the LED package
More results

Similar Description - CLL022-1204A5-273H7E1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-353M1C5 CITIZEN-CLL130-0101B2-353M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com