Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL022-1204A5-50KL1A1 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL022-1204A5-50KL1A1
Description  This data sheet is applied to the LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL022-1204A5-50KL1A1 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL022-1204A5-50KL1A1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL022-1204A5-50KL1A1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6. Reliability
(1)
Datails of the tests
(2)Judgement Criteria of Failure for Reliability Test
(Ta=25C)
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
Measuring Condition
Judgement Criteria for Failure
Total Luminous Flux
85 C, 85 %RH for 500 hours
Measuring Item
Continuous Operation Test
Low Temperature Storage Test
High Temperature Storage Test
Moisture-proof Test
-40 C × 1000 hours
100 C × 1000 hours
Symbol
6/11
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
Thermal Shock Test
IF=240mA
VF
Φv
Test Item
Test Condition
IF=240mA Ta=25C (with Al-fin) × 1000 hours
IF=240mA Tj=140C (with Al-fin) × 1000 hours
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
>U X 1.1
<S X 0.85
IF=240mA
Forward Voltage
Symbol
CITILED
Name
CLL022-1204A5-50KL1A1
Ref.CE-P2269 03/13 R1(1013)


Similar Part No. - CLL022-1204A5-50KL1A1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL022-1204A5-273H3D2 CITIZEN-CLL022-1204A5-273H3D2 Datasheet
359Kb / 12P
   This data sheet is applied to the LED package
CLL022-1204A5-273H7E1 CITIZEN-CLL022-1204A5-273H7E1 Datasheet
837Kb / 12P
   This data sheet is applied to the LED package
CLL022-1204A5-273M1A2 CITIZEN-CLL022-1204A5-273M1A2 Datasheet
358Kb / 12P
   This data sheet is applied to the LED package
More results

Similar Description - CLL022-1204A5-50KL1A1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-353M1C5 CITIZEN-CLL130-0101B2-353M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com