Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44H01DAG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DAG4
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC44H01DAG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPIC44H01DAG4 Datasheet HTML 7Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 8Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 9Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 10Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 11Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 12Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 13Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 14Page - Texas Instruments TPIC44H01DAG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
serial data operation
The TPIC44H01 offers a serial interface to a host microcontroller to receive control data and to return fault data
to the host controller. For the serial interface operation, it is assumed that all parallel inputs, IN1 – 4, are low. The
serial interface consists of:
SCLK
Serial clock
CS
Chip select (active low)
SDI
Serial data input
SDO
Serial data output
After a CS transition from high to low, serial data at the SDI pin is shifted, MSB first, into the serial input shift
register on the low-to-high transition of SCLK. Eight SCLK cycles are required (see Table 1) to shift the first data
bit from LSB to MSB of the shift register. Eight SCLK cycles must occur before a transition from low to high on
CS to insure proper control of the outputs. Less than eight clock cycles will result in fault data being latched into
the output control buffer. Sixteen bits of data can be shifted into the device, but the first eight bits shifted out are
always the fault data and the last eight bits shifted in are always the output control data. A low-to-high transition
on CS will latch bits 1 – 4 of the serial shift register into the output control buffer, bits 5 – 7 into the deglitch timer
control register, and bit 8 into the sleep state latch. A logic 0 in SDI bit1 –4 will turn the corresponding gate drive
output off (providing the parallel input for that channel is at a logic low state); likewise, a logic 1 will turn the output
on. Functionality of bits 5 – 7 is detailed in Table 4. A logic 1 in SDI bit 8 will enable sleep state and a logic 0 will
maintain normal operation.
Table 1. Serial Data Input Shift Register Bit Assignment
LSB
(Last In)
MSB
(First In)
SDI
B1
B2
B3
B4
B5
B6
B7
B8
IN1
IN2
IN3
IN4
DG1
DG2
DG3
SLEEP
Shift Direction
SDI, Normal Protocol (8–SCLKs)
Table 2. Serial Data Output Shift Register Bit Assignment
MSB
(First Out)
LSB
(Last Out)
SDO
B8
B7
B6
B5
B4
B3
B2
B1
F4B
F4A
F3B
F3A
F2B
F2A
F1B
F1A
Shift Direction
SDO, Fault Bit Protocol (8–SCLKs)
Table 3. Fault Bit Encoding
FAULT CONDITION
FxB
FxA
FLT
Normal – no faults
X
X
1
Over-voltage
0
0
0
Open-load
0
1
0
Over-current
1
0
0
Short-to-ground
1
1
0


Similar Part No. - TPIC44H01DAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44H01DA TI-TPIC44H01DA Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC44H01DAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com