Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC43T02DAR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC43T02DAR
Description  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC43T02DAR Datasheet(HTML) 5 Page - Texas Instruments

  TPIC43T02DAR Datasheet HTML 1Page - Texas Instruments TPIC43T02DAR Datasheet HTML 2Page - Texas Instruments TPIC43T02DAR Datasheet HTML 3Page - Texas Instruments TPIC43T02DAR Datasheet HTML 4Page - Texas Instruments TPIC43T02DAR Datasheet HTML 5Page - Texas Instruments TPIC43T02DAR Datasheet HTML 6Page - Texas Instruments TPIC43T02DAR Datasheet HTML 7Page - Texas Instruments TPIC43T02DAR Datasheet HTML 8Page - Texas Instruments TPIC43T02DAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over the recommended operating case temperature range (unless
otherwise noted)
Supply voltage range, VCC (see Note 1)
8 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Motor drive voltage, V(motor)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charge pump output voltage, VCP(max), (VCP – VCC)
VCC + 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
0
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal resistance, junction to ambient, RθJA
121
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The device will function, but may not meet all electrical specifications over this voltage range.
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage, VCC
18
24
28
V
Extended supply voltage range, (see Note 1)
8
18
V
Operating case temperature, TC
0
70
°C
NOTE 1: The device will function, but may not meet all electrical specifications over this voltage range.
EEPROM programming
MIN
TYP
MAX
UNIT
VPP setup time, tsu(VPP)
See Figure 20
2
µs
VPP pulse width duration, tw(VPP)
See Figure 20
5
ms
VPP rise time, tr(VPP)
See Figure 20
2
3
ms
VPP fall time, tf(VPP)
See Figure 20
2
3
ms
electrical characteristics, TC = 25°C, VCC = 24V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
VDD quiescent current
S/S low, VCC = 28 V, I(VCP) = 2 mA
10
18
mA
Iccq
VDD quiescent current
S/S high, VCC = 28 V, I(VCP) = 0 mA
5
10
mA
VDD undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD(uvlo)
VDD under-voltage lockout threshold voltage
2.5
3.1
4
V
Vhys
VDD under-voltage lockout threshold voltage
hysteresis
1.1
V
5 V regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Output voltage
IO = –10 mA
4.75
5
5.25
V
V(REGIN)
Line regulation
VCC = 8 V to 28 V
0
50
mV
V(REGOUT) Load regulation
IO = 0 to –10 mA
20
100
mV


Similar Part No. - TPIC43T02DAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC43T02DA TI-TPIC43T02DA Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
More results

Similar Description - TPIC43T02DAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC43T01 TI-TPIC43T01 Datasheet
376Kb / 27P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com