Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2101 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC2101
Description  DC BRUSH MOTOR CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC2101_12 Datasheet HTML 5Page - Texas Instruments TPIC2101_12 Datasheet HTML 6Page - Texas Instruments TPIC2101_12 Datasheet HTML 7Page - Texas Instruments TPIC2101_12 Datasheet HTML 8Page - Texas Instruments TPIC2101_12 Datasheet HTML 9Page - Texas Instruments TPIC2101_12 Datasheet HTML 10Page - Texas Instruments TPIC2101_12 Datasheet HTML 11Page - Texas Instruments TPIC2101_12 Datasheet HTML 12Page - Texas Instruments TPIC2101_12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPIC2101
DC BRUSH MOTOR CONTROLLER
SLIS060 – OCTOBER 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, Vbat
8
12
16
V
AREF Input current I(AREF)
0
2
mA
Input voltage, VI(MAN), VI(AUTO) (manual mode)
6
16
V
Differential voltage, VI(MAN) – VI(AUTO)
0
2.2
V
Input voltage, VI(AUTO) (auto mode)
0
5.5
V
VI, ILR, ILS
0.5
2.75
V
Output resistance, input resistance, R(CCS)
27.2
27.5
27.8
k
Output Resistance, ROSC, ro
20
100
k
Output Capacitance, COSC, CO
1
5
nF
Gate drive frequency f = 2/(ROSC
× COSC), f(GD)
20
kHz
Gate drive output capacitance, CO(GD)
3300
pF
Operating free-air temperature, TA
–40
105
°C


Similar Part No. - TPIC2101_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101D TI-TPIC2101D Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
TPIC2101N TI-TPIC2101N Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
More results

Similar Description - TPIC2101_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Unisonic Technologies
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com