Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2701MJB Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC2701MJB
Description  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701MJB Datasheet(HTML) 2 Page - Texas Instruments

  TPIC2701MJB Datasheet HTML 1Page - Texas Instruments TPIC2701MJB Datasheet HTML 2Page - Texas Instruments TPIC2701MJB Datasheet HTML 3Page - Texas Instruments TPIC2701MJB Datasheet HTML 4Page - Texas Instruments TPIC2701MJB Datasheet HTML 5Page - Texas Instruments TPIC2701MJB Datasheet HTML 6Page - Texas Instruments TPIC2701MJB Datasheet HTML 7Page - Texas Instruments TPIC2701MJB Datasheet HTML 8Page - Texas Instruments TPIC2701MJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Drain-source voltage, VDS
60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate-source voltage, VGS
±20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamp-drain voltage, VCD
60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous source-drain diode current
0.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, ID (see Note 1 and Figure 17)
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed clamp current, ICL (see Note 1 and Figure 18)
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on
0.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pulse avalanche energy, EAS (see Figure 4)
22 mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ:TPIC2701
−40°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
TPIC2701M
−55°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC: TPIC2701
−40°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TPIC2701M
−55°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N Package
260°C
. . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: J Package
300°C
. . . . . . . . . . . . . . . . . . . . .
NOTE 1: Pulse duration = 10 ms, duty cycle = 6%.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
J
2660 mW
21.3 mW/°C
1701 mW
1382 mW
530 mW
N
1400 mW
11.0 mW/°C
905 mW
740 mW
300 mW
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TPIC2701
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DS
Drain-source breakdown voltage
ID = 1 μA,
VGS = 0
60
V
VTGS
Gate-source threshold voltage
ID = 1 mA,
VDS = VGS
1.2
1.75
2.4
V
VDS(on)
Drain-source on-state voltage
ID = 0.5 A,
VGS = 15 V,
See Notes 2 and 3
0.25
0.4
V
I
Zero gate voltage drain current
V
48 V
V
0
TC = 25°C
0.05
1
A
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
TC = 125°C
0.5
10
μA
IGSSF
Forward gate current, drain short circuited to
source
VGS = 20 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short circuited to
source
VGS = −20 V, VDS = 0
10
100
nA
r
Forward drain source on state resistance
VGS = 15 V,
ID = 0.5 A,
See Notes 2 and 3 and
TC = 25°C
0.5
0.8
Ω
rDS(on)
Forward drain-source on-state resistance
See Notes 2 and 3 and
Figures 5 and 6
TC = 125°C
0.8
1.3
Ω
g
fs
Forward transconductance
VDS = 15 V,
ID = 0.5 A,
See Notes 2 and 3
0.5
0.8
S
Ciss
Short-circuit input capacitance, common source
105
Coss
Short-circuit output capacitance, common source
VDS = 25 V
VGS = 0
f = 300 kHz
65
pF
Crss
Short-circuit reverse transfer capacitance,
common source
VDS = 25 V,
VGS = 0,
f = 300 kHz
15
pF
NOTES: 2. Technique should limit TJ − TC to 10°C maximum.
3. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts with a single output
transistor conducting.


Similar Part No. - TPIC2701MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2701MJ TI-TPIC2701MJ Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

Similar Description - TPIC2701MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com