Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1DF Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RS1DF
Description  SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS1DF Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RS1DF Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS1DF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS1AF - RS1MF
VOLTAGE RANGE: 50 - 1000V
CURRENT: 1.0 A
SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Fast Recovery Time
Low Power Loss
Ideally Suited for Automatic Assembly
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resistive or inductive load.
Features
Case: SMAF,Molded Plastic
!
!
!
!
!
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
!
!
Polarity:Color band denotes cathode end
Mounting Position:Any
Weight:0.0018 ounce, 0.064 grams
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=90 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
CJ
TJ,TSTG
50.0
15.0
-65 to +150
pF
A
u
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
RS1AF RS1BF RS1DF RS1GF RS1JF RS1KF RS1MF
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
RQJL
°C
°
°
°
Characteristic
Symbol
Unit
V
V
V
A
A
V
1 of 2
www.sunmate.tw
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75
4.85 4.80
SMAF
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm


Similar Part No. - RS1DF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1DF PANJIT-RS1DF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
RS1DF YIXIN-RS1DF Datasheet
132Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
RS1DF YENYO-RS1DF Datasheet
278Kb / 2P
   1.0A Fast Recovery Rectifier
logo
Nantong Hornby Electron...
RS1DF HORNBY-RS1DF Datasheet
265Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
RS1DF CHENDA-RS1DF Datasheet
632Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1DF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS5A SUNMATE-RS5A Datasheet
523Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FFM301 SUNMATE-FFM301 Datasheet
314Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3A SUNMATE-FR3A Datasheet
313Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR5AF SUNMATE-FR5AF Datasheet
456Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AB SUNMATE-RS3AB Datasheet
306Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR1AF SUNMATE-FR1AF Datasheet
332Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AAF SUNMATE-RS3AAF Datasheet
308Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
SMF101B SUNMATE-SMF101B Datasheet
345Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com