Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2810DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2810DRG4
Description  8-BIT LED DRIVER WITH 12C INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2810DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC2810DRG4 Datasheet HTML 2Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 3Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 4Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 5Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 6Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 7Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 8Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 9Page - Texas Instruments TPIC2810DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPIC2810
8BIT LED DRIVER WITH I2C INTERFACE
SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TC = 25°C, CL = 100 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from G
CL = 30 pF,
1.15
tPHL
Propagation delay time, high-to-low-level output from G
CL = 30 pF,
ID = 75 mA,
See Figures 1, 2, and 6
0.64
µs
tr(OUT)
Rise time, drain output
ID = 75 mA,
See Figures 1, 2, and 6
1.05
µs
tf(OUT)
Fall time, drain output
0.89
µs
100
kHz
f(SCL)
Serial clock frequency
400
kHz
f(SCL)
Serial clock frequency
2
MHz
t(BUF)
Bus free time between stop and start condition
SCL = 100 kHz
4.7
s
t(BUF)
Bus free time between stop and start condition
SCL = 400 kHz
1.3
µs
t(SP)
Tolerable spike width on bus
50
ns
tpd(ACK)
SCL low to data out valid (acknowledge)
120
ns
SCL = 100 kHz
4.7
s
tLOW
SCL low time
SCL = 400 kHz
1.3
µs
tLOW
SCL low time
SCL = 2 MHz
250
ns
SCL = 100 kHz
4.0
µs
tHIGH
SCL high time
SCL = 400 kHz
600
ns
tHIGH
SCL high time
SCL = 2 MHz
200
ns
SCL = 100 kHz
250
tsu(DAT)
SDA
→ SCL setup time
SCL = 400 kHz
100
ns
tsu(DAT)
SDA
→ SCL setup time
SCL = 2 MHz
10
ns
SCL = 100 kHz
4.7
µs
tsu(STA)
Start condition setup time
SCL = 400 kHz
600
ns
tsu(STA)
Start condition setup time
SCL = 2 MHz
300
ns
SCL = 100 kHz
4
µs
tsu(STO)
Stop condition setup time
SCL = 400 kHz
600
ns
tsu(STO)
Stop condition setup time
SCL = 2 MHz
140
ns
th(DAT)
SDA
→ SCL hold time
50
ns
SCL = 100 kHz
4
µs
th(STA)
Start condition hold time
SCL = 400 kHz
600
ns
SCL = 2 MHz
160
ns
SCL = 100 kHz
1000
tr(SCL)
Rise time of SCL signal
SCL = 400 kHz
300
ns
tr(SCL)
Rise time of SCL signal
SCL = 2 MHz
70
ns
SCL = 100 kHz
300
tf(SCL)
Fall time of SCL signal
SCL = 400 kHz
300
ns
tf(SCL)
Fall time of SCL signal
SCL = 2 MHz
70
ns
SCL = 100 kHz
1000
tr(SDA)
Rise time of SDA signal
SCL = 400 kHz
300
ns
tr(SDA)
Rise time of SDA signal
SCL = 2 MHz
70
ns
SCL = 100 kHz
300
tf(SDA)
Fall time of SDA signal
SCL = 400 kHz
300
ns
tf(SDA)
Fall time of SDA signal
SCL = 2 MHz
140
ns


Similar Part No. - TPIC2810DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
More results

Similar Description - TPIC2810DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com