Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL5010 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5010
Description  TPL5010 Nano-power System Timer with Watchdog Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010 Datasheet(HTML) 3 Page - Texas Instruments

  TPL5010 Datasheet HTML 1Page - Texas Instruments TPL5010 Datasheet HTML 2Page - Texas Instruments TPL5010 Datasheet HTML 3Page - Texas Instruments TPL5010 Datasheet HTML 4Page - Texas Instruments TPL5010 Datasheet HTML 5Page - Texas Instruments TPL5010 Datasheet HTML 6Page - Texas Instruments TPL5010 Datasheet HTML 7Page - Texas Instruments TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPL5010
VDD
GND
RSTn
WAKE
DELAY/
M_RST
DONE
1
2
3
4
5
6
3
TPL5010
www.ti.com
SNAS651 – JANUARY 2015
Product Folder Links: TPL5010
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
G= Ground, P= Power, O= Output, I= Input.
6 Pin Configuration and Functions
6-Lead
SOT23
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
VDD
P
Supply voltage
2
GND
G
Ground
3
DELAY/
M_RST
I
Time Interval set and Manual Reset
Resistance between this pin and GND is used to
select the time interval. The reset switch is also
connected to this pin.
4
DONE
I
Logic Input for watchdog
functionality
Digital signal driven by the µC to indicate successful
processing of the WAKE signal.
5
WAKE
O
Timer output signal generated every
tIP period.
Digital pulsed signal to wake up the µC at the end of
the programmed time interval.
6
RSTn
O
Reset Output (open drain output)
Digital signal to RESET the µC, pull-up resistance is
required


Similar Part No. - TPL5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
935Kb / 25P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5010 TI1-TPL5010 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCRQ1 TI1-TPL5010QDDCRQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCTQ1 TI1-TPL5010QDDCTQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
More results

Similar Description - TPL5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com