Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL5010DDCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5010DDCR
Description  TPL5010 Nano-power System Timer with Watchdog Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010DDCR Datasheet(HTML) 1 Page - Texas Instruments

  TPL5010DDCR Datasheet HTML 1Page - Texas Instruments TPL5010DDCR Datasheet HTML 2Page - Texas Instruments TPL5010DDCR Datasheet HTML 3Page - Texas Instruments TPL5010DDCR Datasheet HTML 4Page - Texas Instruments TPL5010DDCR Datasheet HTML 5Page - Texas Instruments TPL5010DDCR Datasheet HTML 6Page - Texas Instruments TPL5010DDCR Datasheet HTML 7Page - Texas Instruments TPL5010DDCR Datasheet HTML 8Page - Texas Instruments TPL5010DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VIN
POWER MANAGEMENT
VOUT
GND
µC
GPIO
VDD
GND
Rp
GPIO
RSTn
TPL5010
VDD
GND
RSTn
WAKE
DELAY/
M_RST
DONE
REXT
Battery
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPL5010
SNAS651 – JANUARY 2015
TPL5010 Nano-power System Timer with Watchdog Function
1
1 Features
1
Supply Voltage from 1.8V to 5.5V
Current Consumption at 2.5V 35nA (typ)
Selectable Time Intervals 100ms to 7200s
Timer Accuracy 1% (typ)
Resistor Selectable Time Interval
Watchdog Functionality
Manual Reset
2 Applications
Battery Powered Systems
Internet of Things (IoT)
Intruder Detection
Tamper Detection
Home Automation Sensors
Thermostats
Consumer Electronics
Remote Sensors
White Goods
3 Description
The TPL5010 Nano Timer is a low power timer with a
watchdog feature ideal for system wake up in duty
cycled or battery powered applications. In such
systems the
μC timer can be used for system wake-
up, but if the timer sleep current is high, up to 60-80%
of the total system current can be consumed by the
μC timer in this sleep mode. Consuming only 35nA,
the TPL5010 can replace the functionality of the
integrated
μC timer and allow the μC to be placed in
a much lower power mode. Such power savings
enable the use of significantly smaller batteries
making it well suited for energy harvesting or wireless
sensor
applications.
The
TPL5010
provides
selectable timing intervals from 100ms to 7200s and
is designed for interrupt-driven applications. Some
standards (such as EN50271) require implementation
of a watchdog for safety and the TPL5010 realizes
this watchdog function at almost no additional power
consumption. The TPL5010 is available in a 6-pin
SOT23 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPL5010
SOT23 (6)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Application Schematic


Similar Part No. - TPL5010DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
935Kb / 25P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5010 TI1-TPL5010 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCRQ1 TI1-TPL5010QDDCRQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCTQ1 TI1-TPL5010QDDCTQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
More results

Similar Description - TPL5010DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com