Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2044DG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2044DG4
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2044DG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2044DG4 Datasheet HTML 7Page - Texas Instruments TPS2044DG4 Datasheet HTML 8Page - Texas Instruments TPS2044DG4 Datasheet HTML 9Page - Texas Instruments TPS2044DG4 Datasheet HTML 10Page - Texas Instruments TPS2044DG4 Datasheet HTML 11Page - Texas Instruments TPS2044DG4 Datasheet HTML 12Page - Texas Instruments TPS2044DG4 Datasheet HTML 13Page - Texas Instruments TPS2044DG4 Datasheet HTML 14Page - Texas Instruments TPS2044DG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS2044, TPS2054
QUAD POWER-DISTRIBUTION SWITCHES
SLVS174B – JULY 1998 – REVISED FEBRUARY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
4.5
4
3.5
3
2.5
3
3.5
4
4.5
5
5.5
TURNON DELAY
vs
INPUT VOLTAGE
6
5
5.5
6
VI – Input Voltage – V
CL = 1 µF
RL = 10 Ω
TA = 25°C
Figure 13
13
12
10
3
2.5
3
3.5
4
4.5
15
16
TURNOFF DELAY
vs
INPUT VOLTAGE
17
5
5.5
6
14
11
VI – Input Voltage – V
CL = 1 µF
RL = 10 Ω
TA = 25°C
Figure 14
2.7
2.6
2.5
0.1
0.2
0.3
0.4
0.5
2.8
2.9
RISE TIME
vs
LOAD CURRENT
3
0.6
0.7
0.8
0.9
IL – Load Current – A
VI(INx) = 5 V
CL = 1 µF
TA = 25°C
Figure 15
2.9
2.7
2.5
0.1
0.2
0.3
0.4
0.5
3.1
3.3
FALL TIME
vs
LOAD CURRENT
3.5
0.6
0.7
0.8
0.9
IL – Load Current – A
VI(INx) = 5 V
TA = 25°C
CL = 1 µF


Similar Part No. - TPS2044DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044D TI-TPS2044D Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2044DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2090 TI-TPS2090 Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com