Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2054DR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2054DR
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2054DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2054DR Datasheet HTML 4Page - Texas Instruments TPS2054DR Datasheet HTML 5Page - Texas Instruments TPS2054DR Datasheet HTML 6Page - Texas Instruments TPS2054DR Datasheet HTML 7Page - Texas Instruments TPS2054DR Datasheet HTML 8Page - Texas Instruments TPS2054DR Datasheet HTML 9Page - Texas Instruments TPS2054DR Datasheet HTML 10Page - Texas Instruments TPS2054DR Datasheet HTML 11Page - Texas Instruments TPS2054DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS2044, TPS2054
QUAD POWER-DISTRIBUTION SWITCHES
SLVS174B – JULY 1998 – REVISED FEBRUARY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUTx
tr
tf
90%
90%
10%
10%
50%
50%
90%
10%
VO(OUTx)
VI(ENx)
VO(OUTx)
VOLTAGE WAVEFORMS
TEST CIRCUIT
ton
toff
50%
50%
90%
10%
VI(ENx)
VO(OUTx)
ton
toff
Figure 1. Test Circuit and Voltage Waveforms
Figure 2. Turnon Delay and Rise Time
with 0.1-
µF Load
Figure 3. Turnoff Delay and Fall Time
with 0.1-
µF Load
VO(OUT)
(2 V/div)
0
1234
5
6
t – Time – ms
78
9
10
VI(IN) = 5 V
TA = 25°C
CL = 0.1 µF
VI(EN)
(5 V/div)
0
1000
2000
3000
t – Time – ms
4000
5000
VI(IN) = 5 V
TA = 25°C
CL = 0.1 µF
VI(EN)
(5 V/div)
VO(OUT)
(2 V/div)


Similar Part No. - TPS2054DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2054D TI-TPS2054D Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2054DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2090 TI-TPS2090 Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com