Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1652 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1652
Description  Audio Operational Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1652 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA1652 Datasheet HTML 6Page - Texas Instruments OPA1652 Datasheet HTML 7Page - Texas Instruments OPA1652 Datasheet HTML 8Page - Texas Instruments OPA1652 Datasheet HTML 9Page - Texas Instruments OPA1652 Datasheet HTML 10Page - Texas Instruments OPA1652 Datasheet HTML 11Page - Texas Instruments OPA1652 Datasheet HTML 12Page - Texas Instruments OPA1652 Datasheet HTML 13Page - Texas Instruments OPA1652 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Time (1 s/div)
m
VIN
VOUT
G = + 1V/V
RF = 2 kW
CL = 100 pF
G017
Time (1 s/div)
m
VIN
VOUT
G018
G = −1 V/V
CL = 100 pF
Time (0.2 s/div)
m
VIN
VOUT
G = −1 V/V
CL = 100 pF
G016
Time (0.2 s/div)
m
VIN
VOUT
G = +1 V/V
CL = 100 pF
G015
−160
−140
−120
−100
−80
100
1k
10k
100k
Frequency (Hz)
VOUT = 3 VRMS
Gain = +1 V/V
G013
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
+PSRR
−PSRR
CMRR
G014
10
OPA1652, OPA1654
SBOS477A – DECEMBER 2011 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA1652 OPA1654
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Figure 13. Channel Separation vs Frequency
Figure 14. CMRR and PSRR vs Frequency
(Referred to Input)
Figure 15. Small-Signal Step Response (100 mV)
Figure 16. Small-Signal Step Response (100 mV)
Figure 17. Large-Signal Step Response
Figure 18. Large-Signal Step Response


Similar Part No. - OPA1652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1652 TI1-OPA1652 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
OPA1652AID TI1-OPA1652AID Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
OPA1652AIDGK TI1-OPA1652AIDGK Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
OPA1652AIDGKR TI1-OPA1652AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
OPA1652AIDR TI1-OPA1652AIDR Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
More results

Similar Description - OPA1652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_07 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com