Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1662AIDGKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1662AIDGKRQ1
Description  Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1662AIDGKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA1662AIDGKRQ1 Datasheet HTML 1Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 2Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 3Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 4Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 5Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA1662AIDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
0.00001
0.0001
0.001
0.01
20
100
1k
10k
20k
Frequency (Hz)
G = 10V/V, RL = 600Ω
G = 10V/V, RL = 2kΩ
G = +1V/V, RL = 600Ω
G = +1V/V, RL = 2kΩ
G = −1V/V, RL = 600Ω
G = −1V/V, RL = 2kΩ
VOUT = 3VRMS
BW = 80kHz
G007
1
10
100
1k
10k
100k
0.1
1
10
100
0.1
1
10
100
Frequency (Hz)
Voltage Noise
Current Noise
G001
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA1662-Q1
SLOS805C – JULY 2012 – REVISED AUGUST 2016
OPA1662-Q1 Dual, 3.3 nV/
√Hz Noise, 0.00006% THD+N, RRO, Bipolar-Input Audio
Operational Amplifier
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results
Device Temperature Grade 3: –40°C to 85°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C3B
Low Noise: 3.3 nV/
√Hz at 1 kHz
Low Distortion: 0.00006% at 1 kHz
Low Quiescent Current: 1.5 mA per Channel
Slew Rate: 17 V/μs
Wide Gain Bandwidth: 22 MHz (G = 1)
Unity Gain Stable
Rail-to-Rail Output
Wide Supply Range: ±1.5 V to ±18 V,
or 3 V to 36 V
Small Package Sizes:
Dual: 8-Pin SOIC and VSSOP
2 Applications
Automotive
Car Audio
Premium Audio
External Audio Amplifiers
Body Control Modules
3 Description
The OPA1662-Q1 is a dual, bipolar-input operational
amplifier which is well suited for premium audio
external amplifier applications in infotainment and
cluster systems. In audio systems, the main concern
is to ensure a clear, quality output signal which
means minimuzing any noise introduced to the signal.
The OPA1662-Q1 offers low noise density with an
ultra-low distortion of 0.00006% at 1 kHz that
maximizes the signal output. Additionally, this op amp
offers rail-to-rail output swing to within 600 mV with 2-
kΩ load. The wide headroom ensures that the output
signal does not clip, and therefore preserves the
audio quality.
the OPA1662-Q1 operates over a very wide supply
range of ±1.5 V to ±18 V, or 3 V to 36 V, on only
1.5 mA of supply current per channel. The wide
supply range enables design flexibility for the device
as it can be integrated from a power amplifier driven
by the battery to being driven from an ADC to DAC
for low-power applications. Additionally, this device
also has a high-output drive capability of ±30 mA and
can act as the sole audio amplifier for low-power
applications, such as for cluster chimes.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA1662-Q1
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage Noise Density and Input Current
Noise Density vs Frequency
THD+N Ratio vs Frequency


Similar Part No. - OPA1662AIDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662AIDGKR TI1-OPA1662AIDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1662AIDGKRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com