Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2111KM Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2111KM
Description  OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2111KM Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2111KM Datasheet HTML 2Page - Texas Instruments OPA2111KM Datasheet HTML 3Page - Texas Instruments OPA2111KM Datasheet HTML 4Page - Texas Instruments OPA2111KM Datasheet HTML 5Page - Texas Instruments OPA2111KM Datasheet HTML 6Page - Texas Instruments OPA2111KM Datasheet HTML 7Page - Texas Instruments OPA2111KM Datasheet HTML 8Page - Texas Instruments OPA2111KM Datasheet HTML 9Page - Texas Instruments OPA2111KM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
®
OPA2111
6
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, and VCC = ±15VDC unless otherwise noted.
TOTAL INPUT VOLTAGE NOISE SPECTRAL DENSITY
AT 1kHz vs SOURCE RESISTANCE
1k
100
10
100
1k
10k
100k
1M
10M
100M
Resistor Noise Only
OPA2111 +
Resistor
1
E
O
R
S
BM
Source Resistance (
Ω)
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
–15
Common-Mode Voltage (V)
–10
–5
0
5
10
15
120
110
100
90
80
70
INPUT OFFSET VOLTAGE CHANGE
DUE TO THERMAL SHOCK
150
75
0
–75
Time From Thermal Shock (Minutes)
–1
012345
25°C
85°C
BM
AM
Air Environment
–150
T
A = 25°C to TA = 85°C
GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
–75
4
3
2
1
0
4
3
2
1
0
10
1
0.1
BIAS AND OFFSET CURRENT
vs INPUT COMMON-MODE VOLTAGE
–15
–10
–5
0
5
10
15
Common-Mode Voltage (V)
Bias Current
Offset Current
0.01
0.01
10
1
0.1
OPEN-LOOP GAIN vs TEMPERATURE
140
130
120
110
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
–75
100


Similar Part No. - OPA2111KM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2111KM BURR-BROWN-OPA2111KM Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2111KM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com