Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2322SAIDGSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2322SAIDGSR
Description  CMOS Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2322SAIDGSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2322SAIDGSR Datasheet HTML 6Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 7Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 8Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 9Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 10Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 11Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 12Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 13Page - Texas Instruments OPA2322SAIDGSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
0.1
0.075
0.05
0.025
0
0.025
0.05
0.075
0.1
-
-
-
-
-1.6
0.8
Time( s)
m
-1.2
-0.8
-0.4
0
0.4
V
OUT
V
IN
Gain= 1
V = 2.75V
V
=100mV
-
±
S
IN
PP
1.5
1
0.5
0
0.5
1
1.5
-
-
-
-0.4
1.6
Time( s)
m
0
0.4
0.8
1.2
V
OUT
V
IN
Gain=+1
V = 2.75V
V
=2V
S
IN
PP
±
12
11.5
11
10.5
10
9.5
9
1.6
5.6
SupplyVoltage(V)
2
2.8
3.2
2.4
3.6
4
4.4
4.8
5.2
Rise
Fall
C =50pF
L
0.1
0.075
0.05
0.025
0
0.025
0.05
0.075
0.1
-
-
-
-
-0.8
1.6
Time( s)
m
-0.4
0
0.4
0.8
Gain=+1
V = 2.75V
V
=100mV
S
IN
PP
±
1.2
V
OUT
V
IN
0.1
0.01
0.001
0.0001
10
100k
Frequency(Hz)
100
1k
Frequency=10kHz
V
=4V
V = 2.5V
G=+1V/V
IN
PP
S
±
10k
Load=10kW
Load=600 W
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
1k
100M
Frequency(Hz)
10k
100k
1M
10M
V = 2.75V
±
S
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538E – JANUARY 2011 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
THD+N vs FREQUENCY
CHANNEL SEPARATION vs FREQUENCY (for Dual)
Figure 19.
Figure 20.
SLEW RATE vs SUPPLY VOLTAGE
SMALL-SIGNAL STEP RESPONSE
Figure 21.
Figure 22.
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE vs TIME
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S


Similar Part No. - OPA2322SAIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2322SAIDGSR TI1-OPA2322SAIDGSR Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA2322SAIDGSR TI1-OPA2322SAIDGSR Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA2322SAIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com