Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4316IDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4316IDR
Description  10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4316IDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4316IDR Datasheet HTML 6Page - Texas Instruments OPA4316IDR Datasheet HTML 7Page - Texas Instruments OPA4316IDR Datasheet HTML 8Page - Texas Instruments OPA4316IDR Datasheet HTML 9Page - Texas Instruments OPA4316IDR Datasheet HTML 10Page - Texas Instruments OPA4316IDR Datasheet HTML 11Page - Texas Instruments OPA4316IDR Datasheet HTML 12Page - Texas Instruments OPA4316IDR Datasheet HTML 13Page - Texas Instruments OPA4316IDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
±2500
±2000
±1500
±1000
±500
0
500
1000
1500
2000
2500
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
V
SUPPLY (V)
C001
V
S = ±2.75 V
V
S = ±0.9 V
-45
0
45
90
135
180
225
270
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
VS = “2.75 V
VS = “0.9 V
C006
Phase
Gain
V
S = “2.75 V
V
S = “0.9 V
±2500
±2000
±1500
±1000
±500
0
500
1000
1500
2000
2500
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
±2500
±2000
±1500
±1000
±500
0
500
1000
1500
2000
2500
±3
±2
±1
0
1
2
3
V
CM (V)
C001
V
CM = -2.95 V
N-
Channel
P-
Channel
Transition
V
CM = 2.95 V
0
5
10
15
20
25
Offset Voltage (mV)
C013
0
5
10
15
20
25
30
35
40
Offset Voltage Drift (µV/
ƒC)
C013
10
OPA316, OPA2316, OPA2316S, OPA4316
SBOS703E – APRIL 2014 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.9 Typical Characteristics
At TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Distribution taken from 12551 amplifiers
Figure 1. Offset Voltage Production Distribution
TA = –40°C to +125°C, Distribution taken from 70 amplifiers
Figure 2. Offset Voltage Drift Distribution
9 typical units shown
Figure 3. Offset Voltage vs Temperature
V+ = 2.75 V, V– = –2.75 V, 9 typical units shown
Figure 4. Offset Voltage vs Common-Mode Voltage
V+ = 0.9 V to 2.75 V, V– = –0.9 V to –2.75 V,
9 typical units shown
Figure 5. Offset Voltage vs Power Supply
VCM < (V+) – 1.4 V
Figure 6. Open-Loop Gain and Phase vs Frequency


Similar Part No. - OPA4316IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI1-OPA4316 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA4316-Q1 TI1-OPA4316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA4316QPWRQ1 TI1-OPA4316QPWRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA4316IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com