Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4322AIPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4322AIPW
Description  CMOS Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4322AIPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4322AIPW Datasheet HTML 5Page - Texas Instruments OPA4322AIPW Datasheet HTML 6Page - Texas Instruments OPA4322AIPW Datasheet HTML 7Page - Texas Instruments OPA4322AIPW Datasheet HTML 8Page - Texas Instruments OPA4322AIPW Datasheet HTML 9Page - Texas Instruments OPA4322AIPW Datasheet HTML 10Page - Texas Instruments OPA4322AIPW Datasheet HTML 11Page - Texas Instruments OPA4322AIPW Datasheet HTML 12Page - Texas Instruments OPA4322AIPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0.1
0.01
0.001
0.0001
0.01
10
V
(V )
IN
PP
0.1
1
Frequency=10kHz
V = 2.5V
G=+1V/V
S
±
Load=10kW
Load=600 W
0.1
0.01
0.001
0.0001
10
100k
Frequency(Hz)
100
1k
Frequency=10kHz
V
=2V
V = 2.5V
G=+1V/V
IN
PP
S
±
10k
Load=10kW
Load=600 W
1000
100
10
1
100M
Frequency(Hz)
10
1k
10k
100
100k
1M
10M
V =±2.75V
S
70
60
50
40
30
20
10
0
0
3000
CapacitiveLoad(pF)
2500
500
1000
1500
2000
G=1,V =1.8V
S
G=1,V =5.5V
S
G=10,V =1.8V
S
G=10,V =5.5V
S
6
5
4
3
2
1
0
10k
10M
Frequency(Hz)
100k
1M
5.5V
S
3.3V
S
1.8V
S
R =10k
C =50pF
W
L
L
3
2
1
0
1
2
3
-
-
-
0
80
OutputCurrent(mA)
10
20
30
60
50
40
V = 2.75V
±
S
70
-
°
40 C
+25 C
°
+125 C
°
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538E – JANUARY 2011 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Figure 13.
Figure 14.
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Figure 15.
Figure 16.
THD+N vs AMPLITUDE
THD+N vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S


Similar Part No. - OPA4322AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4322AIPW TI1-OPA4322AIPW Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA4322AIPW TI1-OPA4322AIPW Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA4322AIPWR TI1-OPA4322AIPWR Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA4322AIPWR TI1-OPA4322AIPWR Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA4322AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com