Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4316IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4316IPW
Description  10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4316IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4316IPW Datasheet HTML 2Page - Texas Instruments OPA4316IPW Datasheet HTML 3Page - Texas Instruments OPA4316IPW Datasheet HTML 4Page - Texas Instruments OPA4316IPW Datasheet HTML 5Page - Texas Instruments OPA4316IPW Datasheet HTML 6Page - Texas Instruments OPA4316IPW Datasheet HTML 7Page - Texas Instruments OPA4316IPW Datasheet HTML 8Page - Texas Instruments OPA4316IPW Datasheet HTML 9Page - Texas Instruments OPA4316IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
OPA316, OPA2316, OPA2316S, OPA4316
SBOS703E – APRIL 2014 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Thermal Information: OPA316 (continued)
THERMAL METRIC(1)
OPA316
UNIT
SOT23 (DBV)
SC70 (DCK)
5 PINS
5 PINS
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
RθJC(bot)
Junction-to-case(bottom) thermal resistance(7)
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
6.5 Thermal Information: OPA2316
THERMAL METRIC(1)
OPA2316
UNIT
SO (D)
MSOP (DGK)
DFN (DRG)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
127.2
186.6
56.3
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance(3)
71.6
78.8
72.2
°C/W
RθJB
Junction-to-board thermal resistance(4)
68.2
107.9
31
°C/W
ψJT
Junction-to-top characterization parameter(5)
22
15.5
2.3
°C/W
ψJB
Junction-to-board characterization parameter(6)
67.6
106.3
21.2
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance(7)
N/A
N/A
10.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
6.6 Thermal Information: OPA2316S
THERMAL METRIC(1)
OPA2316S
UNIT
MSOP (DGS)
RUG (QFN)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance(2)
189.6
158
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance(3)
73.9
52
°C/W
RθJB
Junction-to-board thermal resistance(4)
110.7
88
°C/W
ψJT
Junction-to-top characterization parameter(5)
13.4
1
°C/W
ψJB
Junction-to-board characterization parameter(6)
109.1
87
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance(7)
N/A
N/A
°C/W


Similar Part No. - OPA4316IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI1-OPA4316 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA4316-Q1 TI1-OPA4316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA4316QPWRQ1 TI1-OPA4316QPWRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA4316IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com