Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2062-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2062-Q1
Description  TPS206x-Q1 Current-Limited Power-Distribution Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2062-Q1 Datasheet HTML 1Page - Texas Instruments TPS2062-Q1 Datasheet HTML 2Page - Texas Instruments TPS2062-Q1 Datasheet HTML 3Page - Texas Instruments TPS2062-Q1 Datasheet HTML 4Page - Texas Instruments TPS2062-Q1 Datasheet HTML 5Page - Texas Instruments TPS2062-Q1 Datasheet HTML 6Page - Texas Instruments TPS2062-Q1 Datasheet HTML 7Page - Texas Instruments TPS2062-Q1 Datasheet HTML 8Page - Texas Instruments TPS2062-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Thermal
Pad
1
GND
8
OC1
2
IN
7
OUT1
3
EN1
6
OUT2
4
EN2
5
OC2
3
TPS2062-Q1, TPS2065-Q1
www.ti.com
SLVSA01C – MAY 2011 – REVISED JUNE 2016
Product Folder Links: TPS2062-Q1 TPS2065-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TPS2062-Q1 DGN Package
8-Pin MSOP-PowerPAD
Top View
Pin Functions: TPS2062-Q1
PINS
TYPE
DESCRIPTION
NAME
NO.
EN1
3
I
Enable input, logic low (active low) turns on power switch IN-OUT1
EN2
4
I
Enable input, logic low (active low) turns on power switch IN-OUT2
GND
1
GND
Ground
IN
2
PWR
Supply Input voltage
OC1
8
O
Overcurrent, open-drain output, active low, IN-OUT1
OC2
5
O
Overcurrent, open-drain output, active low, IN-OUT2
OUT1
7
O
Power-switch output, IN-OUT1
OUT2
6
O
Power-switch output, IN-OUT2
Thermal
Pad
GND
Internally connected to GND; used to heat-sink the part to the circuit board ground plane, also
calledPowerPAD™ or exposed thermal pad. Must be connected to GND pin.


Similar Part No. - TPS2062-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062-Q1 TI1-TPS2062-Q1 Datasheet
906Kb / 26P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2062-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com