Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2065-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2065-Q1
Description  TPS206x-Q1 Current-Limited Power-Distribution Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2065-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2065-Q1 Datasheet HTML 1Page - Texas Instruments TPS2065-Q1 Datasheet HTML 2Page - Texas Instruments TPS2065-Q1 Datasheet HTML 3Page - Texas Instruments TPS2065-Q1 Datasheet HTML 4Page - Texas Instruments TPS2065-Q1 Datasheet HTML 5Page - Texas Instruments TPS2065-Q1 Datasheet HTML 6Page - Texas Instruments TPS2065-Q1 Datasheet HTML 7Page - Texas Instruments TPS2065-Q1 Datasheet HTML 8Page - Texas Instruments TPS2065-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
TPS2062-Q1, TPS2065-Q1
www.ti.com
SLVSA01C – MAY 2011 – REVISED JUNE 2016
Product Folder Links: TPS2062-Q1 TPS2065-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Input voltage, VI(IN)
2.7
5.5
V
Input voltage, VI(ENx)
0
5.5
V
Continuous output current, IO(OUTx)
0
1
A
Ambient temperature, TA
–40
125
°C
Operating virtual junction temperature, TJ
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS2062-Q1
TPS2065-Q1
UNIT
DGN
(MSOP-
PowerPAD)
DGN
(MSOP-
PowerPAD)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
65
57.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.8
54.7
°C/W
RθJB
Junction-to-board thermal resistance
42.3
38.8
°C/W
ψJT
Junction-to-top characterization parameter
3.1
3.9
°C/W
ψJB
Junction-to-board characterization parameter
41.9
38.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
17.7
10.1
°C/W
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Not tested in production, specified by design.
6.5 Electrical Characteristics
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 1 A, VI(ENx) = 0 V for TPS2062-Q1 or
VI(EN) = 5.5 V for TPS2065-Q1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
rDS(ON)
Static drain-source ON-state resistance,
5-V operation and 3.3-V operation
VI(IN) = 5 V or 3.3 V, IO = 1 A, –40°C ≤ TA ≤ 125°C
70
135
m
Static drain-source ON-state resistance,
2.7-V operation(2)
VI(IN) = 2.7 V, IO = 1 A, –40°C ≤ TA ≤ 125°C
75
150
m
tr
Rise time, output
CL = 1 μF, RL= 5 Ω, TA = 25°C
VI(IN) = 5.5 V
0.6
1.5
ms
VI(IN) = 2.7 V
0.4
1
tf
Fall time, output
CL = 1 μF, RL= 5 Ω, TA = 25°C
VI(IN) = 5.5 V
0.05
0.5
ms
VI(IN) = 2.7 V
0.05
0.5
ENABLE INPUT EN OR EN
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
0.8
II
Input current
VI(ENx) = 0 V or 5.5 V
–1
1
μA
tON
Turnon time
CL = 100 μF, RL= 5 Ω
3
ms
toff
Turnoff time
CL = 100 μF, RL= 5 Ω
10
CURRENT LIMIT
IOS
Short-circuit output current(1)
VI(IN) = 5 V, OUT connected to GND,
Device enabled into short-circuit
TA = 25°C
1.1
1.5
1.9
A
–40°C
≤ TA ≤ 125°C
1.1
1.5
2.1
IOC_TRIP Overcurrent trip threshold
VI(IN) = 5 V, current ramp (≤ 100 A/s) on OUT
1.6
2.3
2.9
A


Similar Part No. - TPS2065-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2065-1 TI-TPS2065-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065-1 TI1-TPS2065-1 Datasheet
1Mb / 32P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2065-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com