Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2048ADRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2048ADRG4
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2048ADRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2048ADRG4 Datasheet HTML 6Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 7Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 8Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 9Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 10Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 11Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 12Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 13Page - Texas Instruments TPS2048ADRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING JUNCTION
ENABLE INPUT ENx OR ENx
CURRENT LIMIT
TPS2045A
,, TPS2046A
TPS2047A, TPS2048A, TPS2055A
TPS2056A, TPS2057A, TPS2058A
SLVS251C – SEPTEMBER 2000 – REVISED JANUARY 2008
TEMPERATURE RANGE
VI(IN) = 5.5 V, IO = rated current, VI(EN) = VI(IN)(unless otherwise noted)
TPS204xA
TPS205xA
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VI(IN) = 5 V,
TJ = 25°C,
80
100
80
100
IO = 0.25 A
Static drain-source on-state resistance,
VI(IN) = 5 V,
TJ = 85°C,
90
120
90
120
5-V operation
IO = 0.25 A
VI(IN) = 5 V,
TJ = 125°C,
100
135
100
135
IO = 0.25 A
rDS(on)
m
VI(IN) = 3.3 V,
TJ = 25°C,
90
125
90
125
IO = 0.25 A
Static drain-source on-state resistance,
VI(IN) = 3.3 V,
TJ = 85°C,
110
145
110
145
3.3-V operation
IO = 0.25 A
VI(IN) = 3.3 V,
TJ = 125°C,
120
160
120
160
IO = 0.25 A
VI(IN) = 5.5 V,
TJ = 25°C,
2.5
2.5
CL = 1 µF,
RL = 20Ω
tr
Rise time, output
ms
VI(IN) = 2.7 V,
TJ = 25°C,
3
3
CL = 1 µF,
RL = 20Ω
VI(IN) = 5.5 V,
TJ = 25°C,
4.4
4.4
CL = 1 µF,
RL = 20Ω
tf
Fall time, output
ms
VI(IN) = 2.7 V,
TJ = 25°°C,
2.5
2.5
CL = 1 µF,
RL = 20Ω
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
TPS204xA
TPS205xA
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIH
high-level input voltage
2.7 V
≤ VI(IN)≤ 5.5 V
2
2
V
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
0.8
VIL
Low-level input voltage
V
2.7 V
≤ VI(IN) ≤ 4.5 V
0.4
0.4
TPS204xA
VI(ENx) = 0 V or VI(ENx) = VI(IN)
–0.5
0.5
II
Input current
µA
TPS205xA
VI(ENx) = VI(IN) or VI(ENx) = 0 V
–0.5
0.5
ton
Turnon time
CL = 100 µF, RL = 20Ω
20
20
ms
toff
Turnoff time
CL = 100 µF, RL = 20Ω
40
40
TPS204xA
TPS205xA
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VI(IN) = 5 V, OUT connected to GND,
IOS
Short-circuit output current
0.3
0.5
0.7
0.3
0.5
0.7
A
Device enabled into short circuit
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
10
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2045A TPS2046A TPS2047A TPS2048A TPS2055A TPS2056A TPS2057A TPS2058A


Similar Part No. - TPS2048ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2048ADRG4 TI-TPS2048ADRG4 Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2048ADRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com