Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2100DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2100DBVR
Description  POWER-DISTRIBUTION SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2100DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2100DBVR Datasheet HTML 2Page - Texas Instruments TPS2100DBVR Datasheet HTML 3Page - Texas Instruments TPS2100DBVR Datasheet HTML 4Page - Texas Instruments TPS2100DBVR Datasheet HTML 5Page - Texas Instruments TPS2100DBVR Datasheet HTML 6Page - Texas Instruments TPS2100DBVR Datasheet HTML 7Page - Texas Instruments TPS2100DBVR Datasheet HTML 8Page - Texas Instruments TPS2100DBVR Datasheet HTML 9Page - Texas Instruments TPS2100DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197D – JUNE 1999 – REVISED JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, TJ = 25°C, VI(IN1) = VI(IN2) = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
CL = 1 µF,
IL = 500 mA
830
IN1-OUT
VI(IN2) = 0 CL = 10 µF,
IL = 500 mA
840
t
Output rise time
()
CL = 1 µF,
IL = 10 mA
640
µs
tr
Output rise time
CL = 1 µF,
IL = 10 mA
5.5
µs
IN2-OUT
VI(IN1) = 0 CL = 10 µF,
IL = 10 mA
70
()
CL = 1 µF,
IL = 1 mA
5.5
CL = 1 µF,
IL = 500 mA
8
IN1-OUT
VI(IN2) = 0 CL = 10 µF,
IL = 500 mA
93
tf
Output fall time
()
CL = 1 µF,
IL = 10 mA
23
µs
tf
Output fall time
CL = 1 µF,
IL = 10 mA
690
µs
IN2-OUT
VI(IN1) = 0 CL = 10 µF,
IL = 10 mA
6900
()
CL = 1 µF,
IL = 1 mA
6900
tPLH Propagation delay time low to high output
IN1-OUT
VI(IN2) = 0
CL =10 µF
IL =10mA
75
µs
tPLH Propagation delay time, low-to-high output
IN2-OUT
VI(IN1) = 0
CL = 10 µF,
IL = 10 mA
2
µs
tPHL Propagation delay time high to low output
IN1-OUT
VI(IN2) = 0
CL =10 µF
IL =10mA
3
µs
tPHL Propagation delay time, high-to-low output
IN2-OUT
VI(IN1) = 0
CL = 10 µF,
IL = 10 mA
370
µs
† All timing parameters refer to Figure 3.


Similar Part No. - TPS2100DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2100DBV TI-TPS2100DBV Datasheet
299Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2100DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com