Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2148IDGN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2148IDGN
Description  3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2148IDGN Datasheet(HTML) 5 Page - Texas Instruments

  TPS2148IDGN Datasheet HTML 1Page - Texas Instruments TPS2148IDGN Datasheet HTML 2Page - Texas Instruments TPS2148IDGN Datasheet HTML 3Page - Texas Instruments TPS2148IDGN Datasheet HTML 4Page - Texas Instruments TPS2148IDGN Datasheet HTML 5Page - Texas Instruments TPS2148IDGN Datasheet HTML 6Page - Texas Instruments TPS2148IDGN Datasheet HTML 7Page - Texas Instruments TPS2148IDGN Datasheet HTML 8Page - Texas Instruments TPS2148IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS2148
TPS2158
SLVS373 − AUGUST 2001
5
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, VI(ENx) = 0 V, VI(LDO_EN) = 5 V, CL(LDO_OUT) = 10 µF,
TJ = −40°C to 100°C (unless otherwise noted)
3.3 V LDO
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VO
Output voltage, dc
VI(VIN/SWIN1) = 4.25 V to 5.25 V,
IO(LDO_OUT) = 0.5 mA to 200 mA
3.20
3.3
3.40
V
Dropout voltage
VI(VIN/SWIN1) = 3.2 V, IO = 200 mA, IO(OUT) = 150
mA
0.35
V
Line regulation voltage (see Note 1)
VI(VIN/SWIN1) = 4.25 V to 5.25 V, IO(LDO_OUT) = 5
mA
0.1
%/V
Load regulation voltage (see Note 1)
VI(VIN/SWIN1) = 4.25 V, IO(LDO_OUT) = 5 mA to 200
mA
0.4
1%
IOS
Short-circuit current limit
VI(VIN/SWIN1) = 4.25 V, LDO_OUT connected to
GND
0.275
0.33
0.55
A
Ilkg(R)
Reverse leakage current into
LDO_OUT
VO(LDO_OUT) = 3.3 V, VI(VIN/SWIN1) = 0 V,
VI(LDO_EN) = 0 V
10
µA
Ilkg(R)
Reverse leakage current into
LDO_OUT
VO(LDO_OUT) = 5.5 V, VI(VIN/SWIN1) = 2.7 V,
VI(LDO_EN) = 0 V
10
µA
Power supply rejection
f = 1 kHz, CL(LDO_OUT) = 4.7 µF, ESR = 0.25 Ω, IO =
5 mA, VI(VIN/SWIN1)p−p = 100 mV
50
dB
ton
Turnoff time, LDO_EN
transitioning low (see Note 1)
RL = 16 Ω, CL(LDO_OUT) = 10 µF
0.25
1
ms
toff
Turnon time, LDO_EN
transitioning high (see Note 1)
RL = 16 Ω, CL(LDO_OUT) = 10 µF
0.1
1
ms
Ramp-up time, LDO_OUT (0% to 90%)
VI(LDO_EN) = 5 V, VIN ramping up from 10% to 90%
in 0.1 ms, RL = 16 Ω, CL(LDO_OUT) = 10 µF
0.1
1
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
NOTE 1. Specified by design, not tested in production.


Similar Part No. - TPS2148IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2148IDGN TI-TPS2148IDGN Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2148IDGN TI-TPS2148IDGN Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Similar Description - TPS2148IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Texas Instruments
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com