Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2068DGNG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2068DGNG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2068DGNG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2068DGNG4 Datasheet HTML 4Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 5Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 6Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 7Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 8Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 9Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 10Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 11Page - Texas Instruments TPS2068DGNG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
V
I(EN)
5V/div
V
O(OUT)
2V/div
t-Time-400 s
m
R =5
C =100 F,
L
L
W
m
,
=25 C
T
A
°
V
I(EN)
5V/div
V
O(OUT)
2V/div
t-Time-400 s
m
R =5
C =100 F,
L
L
W
m
,
=25 C
T
A
°
VI(EN)
5 V/div
IO(OUT)
1 A/div
t − Time − 500 ms/div
220 mF
470 mF
100 mF
VI(EN)
5 V/div
IO(OUT)
500 mA/div
t − Time − 500 ms/div
VIN = 5 V,
RL = 3 W,
TA = 255C
TPS2060, TPS2064
TPS2068, TPS2069
SLVS553K
– MARCH 2005 – REVISED MAY 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 4. Turnon Delay and Rise Time With 100-
μF
Figure 5. Turnoff Delay and Fall Time With 100-
μF
Load
Load
Figure 6. Short-Circuit Current,
Figure 7. Inrush Current With Different
Device Enabled Into Short
Load Capacitance
8
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - TPS2068DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2068DGNG4 TI-TPS2068DGNG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2068DGNG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com