Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2103DBVTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2103DBVTG4
Description  POWER-DISTRIBUTION SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2103DBVTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2103DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 11Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 12Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 13Page - Texas Instruments TPS2103DBVTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IN1 Switch Rise Time
vs Output Current
12
IN2 Switch Fall Time
vs Output Current
13
IN1 Switch Fall Time
vs Output Current
14
IN2 Switch Fall Time
vs Output Current
15
Output Voltage Droop
vs Output Current When Output Is Switched From IN2 to IN1
16
Inrush Current
vs Output Capacitance
17
IN1 Supply Current
vs Junction Temperature (IN1 Enabled)
18
IN1 Supply Current
vs Junction Temperature (IN1 Disabled)
19
IN2 Supply Current
vs Junction Temperature (IN2 Enabled)
20
IN2 Supply Current
vs Junction Temperature (IN2 Disabled)
21
IN1-OUT On-State Resistance
vs Junction Temperature
22
IN2-OUT On-State Resistance
vs Junction Temperature
23
Figure 12
380
340
300
0.01
0.1
1
10
420
IN1 SWITCH RISE TIME
vs
OUTPUT CURRENT
460
100
1000
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 3.3 V
VI(IN2) = 0 V
TJ = 25°C
Figure 13
10
1
0.1
0
10
2030
405060
100
IN2 SWITCH RISE TIME
vs
OUTPUT CURRENT
1000
70
80
90
100
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 3.3 V
TJ = 25°C


Similar Part No. - TPS2103DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2103DBV TI-TPS2103DBV Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2103DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com