Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2111APWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2111APWR
Description  AUTOSWITCHING POWER MUX
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2111APWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2111APWR Datasheet HTML 3Page - Texas Instruments TPS2111APWR Datasheet HTML 4Page - Texas Instruments TPS2111APWR Datasheet HTML 5Page - Texas Instruments TPS2111APWR Datasheet HTML 6Page - Texas Instruments TPS2111APWR Datasheet HTML 7Page - Texas Instruments TPS2111APWR Datasheet HTML 8Page - Texas Instruments TPS2111APWR Datasheet HTML 9Page - Texas Instruments TPS2111APWR Datasheet HTML 10Page - Texas Instruments TPS2111APWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
D0
D1
VSNS
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2110A
TPS2111A
www.ti.com
SBVS043A – MARCH 2004 – REVISED MARCH 2010
DEVICE INFORMATION
TRUTH TABLE
D1
D0
VI(VSNS) > 0.8 V
(1)
VI(IN2) > VI(IN1)
OUT(2)
0
0
X
X
IN2
0
1
Yes
X
IN1
0
1
No
No
IN1
0
1
No
Yes
IN2
1
0
X
X
IN1
1
1
X
X
Hi-Z
(1)
X = Don’t care.
(2)
The undervoltage lockout circuit causes the output to go Hi-Z if the selected power supply does not exceed the IN1/IN2 UVLO, or if
neither of the supplies exceeds the internal VDD UVLO.
PIN CONFIGURATIONS
PW PACKAGE
TSSOP-8
(TOP VIEW)
Table 1. TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
D0
1
I
TTL- and CMOS-compatible input pins. Each pin has a 1-mA pull-up. The Truth Table
illustrates the functionality of D0 and D1.
D1
2
I
GND
5
Power
Ground
Primary power switch input. The IN1 switch can be enabled only if the IN1 supply is above
IN1
8
I
the UVLO threshold and at least one supply exceeds the internal VDD UVLO.
Secondary power switch input. The IN2 switch can be enabled only if the IN2 supply is
IN2
6
I
above the UVLO threshold and at least one supply exceeds the internal VDD UVLO.
A resistor (RILIM) from ILIM to GND sets the current limit IL to 250/RILIM and 500/RILIM for the
ILIM
4
I
TPS2110A and TPS2111A, respectively.
OUT
7
O
Power switch output
In the auto-switching mode (D0 = 1, D1 = 0), an internal power FET connects OUT to IN1 if
VSNS
3
I
the VSNS voltage is greater than 0.8 V. Otherwise, the FET connects OUT to the higher of
IN1 and IN2. The Truth Table illustrates the functionality of VSNS.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2110A TPS2111A


Similar Part No. - TPS2111APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2111APWR TI-TPS2111APWR Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
TPS2111APWRG4 TI-TPS2111APWRG4 Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
More results

Similar Description - TPS2111APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com