Electronic Components Datasheet Search |
|
CD74HC192E Datasheet(PDF) 4 Page - Texas Instruments |
|
|
CD74HC192E Datasheet(HTML) 4 Page - Texas Instruments |
4 / 16 page 4 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC to GND - 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND - 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC - 2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) VCC (V) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS P0-P3 0.4 MR 1.45 PL 0.85 CPU, CPD 1.45 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Specifications table, e.g. 360 µA max at 25oC. CD54/74HC192, CD54/74HC193, CD54/74HCT193 |
Similar Part No. - CD74HC192E |
|
Similar Description - CD74HC192E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |