Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2306 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2306
Description  DUAL SEQUENCING HOT SWAP POWER MANAGER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2306 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2306_10 Datasheet HTML 1Page - Texas Instruments TPS2306_10 Datasheet HTML 2Page - Texas Instruments TPS2306_10 Datasheet HTML 3Page - Texas Instruments TPS2306_10 Datasheet HTML 4Page - Texas Instruments TPS2306_10 Datasheet HTML 5Page - Texas Instruments TPS2306_10 Datasheet HTML 6Page - Texas Instruments TPS2306_10 Datasheet HTML 7Page - Texas Instruments TPS2306_10 Datasheet HTML 8Page - Texas Instruments TPS2306_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS2306
DUAL SEQUENCING HOT SWAP POWER MANAGER
SLVS368 − APRIL 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(VCC/CS1) =
12 V, VI(CS2) = 5 V, −40°C < TA < 85°C, all voltages are with respect to GND; TA = TJ. (unless otherwise
noted) Currents are positive into and negative out of the specified terminal.
input supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1
Supply current
VCC/CS1 = 4 V,
CS2 = 2.75V
1
2
mA
ICC2
Supply current
VCC/CS1 = 13.6 V, CS2 = 13.6 V
2
4
mA
ISLP
Shutdown current
ENBL = 0
40
75
µA
undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC/CS1 minimum voltage to start
CS2 = 3 V
2.00
2.45
2.90
VCC/CS1 minimum voltage after start
CS2 = 3 V
1.80
2.25
2.60
VCC/CS1 hysteresis
CS2 = 3 V
0.05
0.18
0.24
V
CS2 minimum voltage to start
VCC/CS1 = 4 V
2.00
2.45
2.75
V
CS2 minimum voltage after start
VCC/CS1 = 4 V
1.80
2.25
2.60
CS2 hysteresis
VCC/CS1 = 4 V
0.05
0.18
0.24
reference current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IREF = 100 µA
1.4
1.5
1.6
V
IO
Maximum output current
VREF = 1.35 V
−300
−150
µA
linear current amplifier 1, linear current amplifier 2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
TA = 25_C
−4
4
mV
VIO
Input offset voltage
−40
_C ≤ TA ≤ 85_C,See Note 1
−5.5
5.5
mV
IPK
Ouput peak current
−25
−5
mA
ISINK
Output current sink
Ramp-down mode
2
10
25
µA
ISINK
Output current sink
LCA pulldown
0.2
5
mA
IFAULT
Output current sink
Overcurrent fault shutdown
100
mA
VOL
Output low voltage
Fault shutdown ISINK = 10 mA
0.5
V
VOH
Output high voltage
ISOURCE = −4 µA
Note 2
V
overcurrent amplifier 1, overcurrent amplifier 2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
(VCC/CS1 − IMAX1),
(CS2 − IMAX2)
Note 3
Note 4
mV
RINT1,
RINT2
Internal threshold resistor
1.7
2.5
3.3
k
tR
Response time
0.5
7
µs
FAULT timer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICT
CT charge current
VO(CT) = 1 V
−65
−50
−35
µA
VTH
CT fault threshold
1.35
1.50
1.65
V
NOTES:
1. Ensured by design. Not production tested.
2. VCPUMP − 1
3. −1.5
× IREF × 2500
4. −0.6
× IREF × 2500


Similar Part No. - TPS2306_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
More results

Similar Description - TPS2306_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com