Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2211AIDBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2211AIDBRG4
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2211AIDBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2211AIDBRG4 Datasheet HTML 1Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 2Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 3Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 4Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 5Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 6Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 7Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 8Page - Texas Instruments TPS2211AIDBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS2211A
SINGLESLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS282B − SEPTEMBER 2000 − REVISED JULY 2005
1
WWW.TI.COM
D Fully Integrated VCC and Vpp Switching for
Single-Slot PC Card
 Interface
D Low rDS(on) (70-mΩ 5-V VCC Switch and
3.3-V VCC Switch)
D Compatible With Industry-Standard
Controllers
D 3.3-V Low-Voltage Mode
D Meets PC Card Standards
D 12-V Supply Can Be Disabled Except
During 12-V Flash Programming
D Short-Circuit and Thermal Protection
D Space-Saving 16-Pin SSOP (DB) and 20-Pin
HTSSOP (PWP)
D Compatible With 3.3-V, 5-V, and 12-V PC
Cards
D Break-Before-Make Switching
description
The TPS2211A PC Card power-interface switch
provides an integrated power-management solu-
tion for a single PC Card. All of the discrete power
MOSFETs, a logic section, current limiting, and
thermal protection for PC Card control are
combined on a single integrated circuit, using the
Texas Instruments LinBiCMOS
 process. The
circuit allows the distribution of 3.3-V, 5-V, and/or
12-V card power, and is compatible with many PCMCIA controllers.
The current-limiting feature eliminates the need for fuses, which reduces component count and
improves reliability. Current-limit reporting can help the user isolate a system fault to the PC Card. controllers.
The current-limiting feature eliminates the need for fuses, which reduces component count and
improves reliability. Current-limit reporting can help the user isolate a system fault to the PC Card.
The TPS2211A features a 3.3-V low-voltage mode that allows for 3.3-V switching without the need for 5 V. Bias
power can be derived from either the 3.3-V or 5-V inputs. This facilitates low-power system designs such as
sleep mode and pager mode where only 3.3 V is available.
End equipment for the TPS2211A includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras, and bar-code scanners.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
PLASTIC SMALL OUTLINE
(DB)
PLASTIC SMALL OUTLINE
(PW)
PowerPAD
PLASTIC SMALL OUTLINE
(PWP)
−40
°C to 85°C
TPS2211AIDB
TPS2211APW
TPS2211APWP
The DB, PW, and PWP packages are only available left-end taped and reeled (indicated by the R suffix on the device type,
e.g. TPS2211AIDBR).
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC Card is a trademark of PCMCIA (Personal Computer Memory Card International Association).
LinBiCMOS, PowerPAD are trademarks of Texas Instruments.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCD0
VCCD1
3.3V
3.3V
5V
5V
GND
OC
SHDN
VPPD0
VPPD1
AVCC
AVCC
AVCC
AVPP
12V
DB PACKAGE†
(TOP VIEW)
† TPS2211A is pin-for-pin compatible with TPS2211 and
TPS2212.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCCD0
VCCD1
3.3 V
3.3 V
5 V
5 V
NC
GND
OC
12 V
SHDN
VPPD0
VPPD1
NC
AVCC
AVCC
AVCC
AVCC
NC
AVPP
PW and PWP§ PACKAGE
(TOP VIEW)
NC − No internal connection
‡ Must be tied together externally as close to the device as
possible.
§PowerPAD applies to PWP package only.
See Note


Similar Part No. - TPS2211AIDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211AIDBRG4 TI-TPS2211AIDBRG4 Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2211AIDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com