Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2228PWP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2228PWP
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2228PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS2228PWP Datasheet HTML 1Page - Texas Instruments TPS2228PWP Datasheet HTML 2Page - Texas Instruments TPS2228PWP Datasheet HTML 3Page - Texas Instruments TPS2228PWP Datasheet HTML 4Page - Texas Instruments TPS2228PWP Datasheet HTML 5Page - Texas Instruments TPS2228PWP Datasheet HTML 6Page - Texas Instruments TPS2228PWP Datasheet HTML 7Page - Texas Instruments TPS2228PWP Datasheet HTML 8Page - Texas Instruments TPS2228PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS2228
TPS2221
SLVS419C − MAY 2002 REVISED DECEMBER 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
TJ = −40°C to 100°C, VI(5VIN) = 5 V, VI(3.3VIN) = 3.3 V, VI(1.8VIN) = 1.8 V, all outputs unloaded (unless otherwise noted)(1)
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
POWER SWITCH (continued)
Forward leakage
I
g
current Ilkg_FWD
(current measured
IO(xVCC)
All switches are in Hi-Z state
110
A
(current measured
from output pins
I
All switches are in Hi Z state
xVCC and xVPP/VCORE are grounded
µA
from output pins
to ground)
IO(xVPP/VCORE)
110
Reverse leakage
I
1
10
Reverse leakage
current Ilk RVS
IO(3.3VIN)
All switches are in Hi Z state
110
current Ilkg_RVS
(current measured
I
All switches are in Hi-Z state,
3 3VIN 5VIN and 1 8VIN are grounded
1
10
A
(current measured
ft
t i
IO(5VIN)
3.3VIN, 5VIN, and 1.8VIN are grounded
V
V
5V
110
µA
from output pins
ii )
I
VO(xVPP/VCORE) = VO(xVCC) = 5 V
1
10
going in)
IO(1.8VIN)
()
()
1
10
(1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
(2) Specified by design, not tested in production.
(3) From application of short to 110% of final current limit.
ELECTRICAL CHARACTERISTICS
TJ = −40°C to 100°C, VI(5VIN) = 5 V, VI(3.3VIN) = 3.3 V, VI(1.8VIN) = 1.8 V, all outputs unloaded (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
LOGIC SECTION (CLOCK, DATA, LATCH, RESET, SHDN, OC, VDO, VD1, VD2, VD3)
I(RESET
)(3)
RESET = 5.5 V, sinking or sourcing
0
1
I(RESET
)(3)
RESET = 0 V, sourcing
10
30
I(SHDN)(3) Or
SHDN or SHDN_RST = 5.5 V, sinking or sourcing
0
1
Logic input current
I(SHDN)
Or
I(SHDN_RST)(3)
SHDN or SHDN_RST = 0 V, sourcing
10
30
µA
Logic input current
I(LATCH)(1)
LATCH = 5.5 V, sinking
50
µA
I(LATCH)(1)
LATCH = 0 V, sinking or sourcing
1
I(CLOCK,DATA, VD0, VD1,
VD2, VD3)
0 V to 5.5 V, sinking or sourcing
1
Logic input high level(4)
2
Logic input low level(4)
0.8
V
OC output saturation voltage
IO = 2 mA
0.4
V
OC leakage current
VO(OC) = 5.5 V
1
µA
OC d
lit h(2)
Falling edge
Falling into overcurrent condition
5
15
S
OC deglitch(2)
Rising edge
Coming out of overcurrent condition
5
15
mS
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
UVLO
3.3VIN UVLO
3.3VIN level below which all switches are in Hi-Z state
2.2
2.9
3.3VIN Hysteresis(2)
0.1
V
5VIN UVLO
5VIN level below which only 5VIN switches are in Hi-Z state
2.0
2.6
V
5VIN Hysteresis(2)
80
mV
1.8VIN UVLO
1.8VIN level below which only 1.8VIN switches are in Hi-Z state
1.25
1.62
V
1.8VIN Hysteresis(2)
50
mV
(1) Refer to Parameter Measurement Information, Figure 1.
(2) Specified by design, not tested in production.
(3) RESET and SHDN (or SHDN/RST for TPS2221) have low current pullup; LATCH has low current pulldown.
(4)
For recommended operating ranges only.


Similar Part No. - TPS2228PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2228PWP TI-TPS2228PWP Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results

Similar Description - TPS2228PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com