Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2342 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2342
Description  DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2342 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2342 Datasheet HTML 4Page - Texas Instruments TPS2342 Datasheet HTML 5Page - Texas Instruments TPS2342 Datasheet HTML 6Page - Texas Instruments TPS2342 Datasheet HTML 7Page - Texas Instruments TPS2342 Datasheet HTML 8Page - Texas Instruments TPS2342 Datasheet HTML 9Page - Texas Instruments TPS2342 Datasheet HTML 10Page - Texas Instruments TPS2342 Datasheet HTML 11Page - Texas Instruments TPS2342 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
TPS2342
SLUS572F − OCTOBER, 2003 − REVISED JANUARY 2007
8
www.ti.com
ELECTRICAL CHARACTERISTICS,
P12VIN = 12 V, DIGVCC = 3.3 V, M12VIN = −12 V, 3VAUXI = 3.3 V, V5IN = 5 V, RMISET = 6.04 kΩ, all outputs unloaded,
TA = −40 _C to 85 _C, (unless otherwise noted) (1)(2)(3)
5-V/3.3-V Main Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5VS−5VIS overcurrent threshold (5 V)
43
53
63
mV
5VIS voltage fault threshold
After P12VG and 5V3VG good
4.25
4.5
4.65
V
5VS input bias current
PWREN = high
−100
100
A
5VIS input bias current
PWREN = high
100
250
400
µA
5VIS bleed current
PWREN = low
8
60
mA
3VS−3VIS overcurrent threshold (3.3 V)
53
63
72
mV
3VIS voltage fault threshold
After P12VG and 5V3VG good
2.5
2.7
2.9
V
3VS input bias current
PWREN = high
−100
100
A
3VIS input bias current
PWREN = high
100
250
400
µA
3VIS bleed current
PWREN = low
8
40
mA
5V3VG charge current
PWREN = high, 5V3VG = 5 V
−70
−100
−130
µA
5V3VG discharge resistance
0.1 V < V5V3VG < 0.5 V
1.5
4
15
5V3VG good threshold
11
11.5
12
V
V5IN supply current
2
6
mA
V5IN start threshold voltage
4.2
4.4
4.6
V
V5IN stop threshold voltage
3.7
4.1
4.4
V
DIGVCC supply current
1.2
3
mA
DIGVCC start threshold voltage
2.60
2.80
2.95
DIGVCC stop threshold voltage
2.40
2.55
2.80
V
5VIS low comparator threshold
PWREN = low
0.075
0.100
0.150
V
3VIS low comparator threshold
PWREN = low
0.075
0.100
0.150
Noise Filter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output undervoltage sensitivity threshold
12 V, 5 V, 3.3 V
50
200
ns
Output undervoltage sensitivity threshold
VIO
80
250
ns
Output voltage fault captured pulse
12 V, 5 V, 3.3 V
200
ns
Output voltage fault captured pulse
VIO
250
ns
Output undervoltage fault response time, from
output falling to FAULT asserting
12 V, 5 V, 3.3 V, Vio
480
ns
Overcurrent sensitivity threshold
12 V, 5 V, 3.3 V, Vio
1.5
5.5
Overcurrent sensitivity threshold
−12 V
2
10
Overcurrent fault captured pulse
12 V, 5 V, 3.3 V, Vio
5
s
Overcurrent fault captured pulse
−12 V
10
µs
Overcurrent fault response time, from overcur-
12 V, 5 V, 3.3 V, Vio
2.0
6.5
Overcurrent fault response time, from overcur-
rent to FAULT asserting
−12 V
2.5
12
NOTES: (1). All voltages are with respect to DIGGND unless otherwise stated.
(2) Currents are positive into and negative out of the specified terminal.
(3) When references to lines of individual slots are given without the slot identifier, the statement applies to lines on each slot.


Similar Part No. - TPS2342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342PFP TI-TPS2342PFP Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342PFPR TI-TPS2342PFPR Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342PFPRG4 TI-TPS2342PFPRG4 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
More results

Similar Description - TPS2342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI1-TPS2343_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com