Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2343DDPG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2343DDPG3
Description  DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2343DDPG3 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2343DDPG3 Datasheet HTML 1Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 2Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 3Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 4Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 5Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 6Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 7Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 8Page - Texas Instruments TPS2343DDPG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS2343
SLUS644B − FEBRUARY 2005 − MAY 2005
2
www.ti.com
DESCRIPTION (CONT.)
Auxiliary power control circuits switch, ramp, and monitor 3.3-V auxiliary power to each slot and control data
switches that connect slot power management event (PME) outputs to the main PME bus after auxiliary supply
is ramped. PME is disconnected when a board is turned off or a fault occurs on the board’s auxiliary power. A
fault on auxiliary power also shuts off main power to that board.
VIO control consists of gate drivers to select between 3.3 V and 1.5 V in response to command and current
limiting circuitry to shut down a slot in the event of over current. Each TPS2343 contains power FETs for 12 V,
−12 V, and auxiliary 3.3 V for two slots. These power FETs are short-circuit protected, slew rate controlled, and
over-temperature protected.
The TPS2343 includes novel current limiting circuitry that limits instantaneous peak current and only shuts off
the slot if the current remains out of spec for an extended time.
ORDERING INFORMATION
TA
PACKAGE(1)
TA
HTSSOP (DDP)
−40
°C to +85°C
TPS2343DDP
(1) Add suffix R to device type (e.g. TPS2343DDPR) to specify taped and reeled.
Osolete Device


Similar Part No. - TPS2343DDPG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
More results

Similar Description - TPS2343DDPG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com