Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2224PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2224PWP
Description  DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2224PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS2224PWP Datasheet HTML 1Page - Texas Instruments TPS2224PWP Datasheet HTML 2Page - Texas Instruments TPS2224PWP Datasheet HTML 3Page - Texas Instruments TPS2224PWP Datasheet HTML 4Page - Texas Instruments TPS2224PWP Datasheet HTML 5Page - Texas Instruments TPS2224PWP Datasheet HTML 6Page - Texas Instruments TPS2224PWP Datasheet HTML 7Page - Texas Instruments TPS2224PWP Datasheet HTML 8Page - Texas Instruments TPS2224PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS2223, TPS2224, TPS2226
DUALSLOT CARDBUS POWERINTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 − MAY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V (not applicable for
TPS2223), all outputs unloaded (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
3.3V to xVCC , with two
IO = 750 mA each
85
110
3.3V to xVCC , with two
switches on
IO = 750 mA each, TJ = 100°C
110
140
m
Static
5V to xVCC , with two
IO = 500 mA each
95
130
m
rDS(on)
Static
drain-source
5V to xVCC , with two
switches on
IO = 500 mA each, TJ = 100°C
120
160
rDS(on)
drain-source
on-state
resistance
3.3V or 5V to xVPP , with two
IO = 50 mA each
0.8
1
on-state
resistance
3.3V or 5V to xVPP , with two
switches on
IO = 50 mA each, TJ = 100°C
1
1.3
12V to xVPP , with two
IO = 50 mA each
2
2.5
12V to xVPP , with two
switches on
IO = 50 mA each, TJ = 100°C
2.5
3.4
Output
discharge
Discharge at xVCC
IO(disc) = 1 mA
0.5
0.7
1
k
discharge
resistance
Discharge at xVPP
IO(disc) = 1 mA
0.2
0.4
0.5
k
Limit (steady-state value),
output powered into a short
IOS(xVCC)
1
1.4
2
A
IOS
Short-circuit output current
output powered into a short
circuit
IOS(xVPP)
120
200
300
mA
IOS
Short-circuit output current
Limit (steady-state value),
output powered into a short
IOS(xVCC)
1
1.4
2
A
output powered into a short
circuit, TJ = 100°C
IOS(xVPP)
120
200
300
mA
Thermal
shutdown
Thermal trip point, TJ
Rising temperature
135
°C
shutdown
temperature
(see Note 1)
Hysteresis, TJ
10
°C
Current-limit response time (see Note 1)
VO(xVCC) with 100-mΩ short, from short to
OC signal falling edge
10
s
Current-limit response time (see Note 1)
VO(xVPP) with 100-mΩ short, from short to
OC signal falling edge
3
µs
Normal operation
II(3.3V)
140
200
Input
Normal operation
and reset mode
II(5V)
8
12
II
Input
current,
and reset mode
II(12V)
100
180
A
II
current,
quiescent
Shutdown mode,
II(3.3V)
0.3
2
µA
quiescent
Shutdown mode,
VO(xVCC) = Hi-Z,
V
= Hi-Z
II(5V)
0.1
2
VO(xVCC) = Hi-Z,
VO(xVPP) = Hi-Z
II(12V)
0.3
2
Leakage
VO(xVCC) = 5 V,
10
Ilkg
Leakage
current,
Shutdown mode
VO(xVCC) = 5 V,
VI(5V) = VI(12V) = 0
TJ = 100°C
50
A
Ilkg
current,
output off
state
Shutdown mode
VO(xVPP) = 12 V,
10
µA
output off
state
VO(xVPP) = 12 V,
VI(5V) = VI(12V) = 0
TJ = 100°C
50
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
NOTE 1: Specified by design; not tested in production.


Similar Part No. - TPS2224PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2224PWP TI-TPS2224PWP Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2224PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
[Old version datasheet]   LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com