Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2226DBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2226DBR
Description  DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2226DBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2226DBR Datasheet HTML 3Page - Texas Instruments TPS2226DBR Datasheet HTML 4Page - Texas Instruments TPS2226DBR Datasheet HTML 5Page - Texas Instruments TPS2226DBR Datasheet HTML 6Page - Texas Instruments TPS2226DBR Datasheet HTML 7Page - Texas Instruments TPS2226DBR Datasheet HTML 8Page - Texas Instruments TPS2226DBR Datasheet HTML 9Page - Texas Instruments TPS2226DBR Datasheet HTML 10Page - Texas Instruments TPS2226DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TPS2223, TPS2224, TPS2226
DUALSLOT CARDBUS POWERINTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS317 − MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C, VI(3.3V) = 3.3 V, VI(5V) = 5 V, VI(12) = 12 V (not applicable
for TPS2223) all outputs unloaded (unless otherwise noted)
PARAMETER†
LOAD CONDITION
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
CL(xVCC)= 0.1 µF,
CL(xVPP)= 0.1 µF,
VO(xVCC) = 5 V
0.9
tr
Output rise times (see Note 1)
CL(xVPP)= 0.1 µF,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
VO(xVPP) = 12 V
0.26
ms
tr
Output rise times (see Note 1)
CL(xVCC)= 150 µF,
CL(xVPP)= 10 µF,
VO(xVCC) = 5 V
1.1
ms
CL(xVPP)= 10 µF,
IO(xVCC) = 0.75 A,
IO(xVPP) = 50 mA
VO(xVPP) = 12 V
0.6
CL(xVCC)= 0.1 µF,
CL(xVPP)= 0.1 µF,
VO(xVCC) = 5 V,
Discharge switches ON
0.5
tf
Output fall times (see Note 1)
CL(xVPP)= 0.1 µF,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
VO(xVPP) = 12 V,
Discharge switches ON
0.2
ms
tf
Output fall times (see Note 1)
CL(xVCC)= 150 µF,
CL(xVPP)= 10 µF,
VO(xVCC) = 5 V
2.35
ms
CL(xVPP)= 10 µF,
IO(xVCC) = 0.75 A,
IO(xVPP) = 50 mA
VO(xVPP) = 12 V
3.9
Latch
↑ to xVPP (12 V)§
tpdon
2
Latch
↑ to xVPP (12 V)§
tpdoff
0.62
Latch
↑ to xVPP (5 V)
tpdon
0.77
CL(xVCC)= 0.1 µF,
Latch
↑ to xVPP (5 V)
tpdoff
0.51
CL(xVCC)= 0.1 µF,
CL(xVPP)= 0.1 µF,
Latch
↑ to xVPP (3.3 V)
tpdon
0.75
ms
CL(xVPP)= 0.1 µF,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
Latch
↑ to xVPP (3.3 V)
tpdoff
0.52
ms
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
Latch
↑ to xVCC (5 V)
tpdon
0.3
Latch
↑ to xVCC (5 V)
tpdoff
2.5
Latch
↑ to xVCC (3.3V)
tpdon
0.3
tpd
Propagation delay (see Note 1)
Latch
↑ to xVCC (3.3V)
tpdoff
2.8
tpd
Propagation delay (see Note 1)
Latch
↑ to xVPP (12 V)§
tpdon
2.2
Latch
↑ to xVPP (12 V)§
tpdoff
0.8
Latch
↑ to xVPP (5 V)
tpdon
0.8
CL(xVCC)= 150 µF,
Latch
↑ to xVPP (5 V)
tpdoff
0.6
CL(xVCC)= 150 µF,
CL(xVPP)= 10 µF,
Latch
↑ to xVPP (3.3 V)
tpdon
0.8
ms
CL(xVPP)= 10 µF,
IO(xVCC) = 0.75 A,
IO(xVPP) = 50 mA
Latch
↑ to xVPP (3.3 V)
tpdoff
0.6
ms
IO(xVCC) = 0.75 A,
IO(xVPP) = 50 mA
Latch
↑ to xVCC (5 V)
tpdon
0.6
Latch
↑ to xVCC (5 V)
tpdoff
2.5
Latch
↑ to xVCC (3.3V)
tpdon
0.5
Latch
↑ to xVCC (3.3V)
tpdoff
2.6
† Refer to Parameter Measurement Information in Figure 1.
‡ No card inserted, assumes a 0.1-µF output capacitor (see Figure 1).
§ Not applicable for TPS2223
NOTE 1: Specified by design; not tested in production.


Similar Part No. - TPS2226DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2226DB TI-TPS2226DB Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2226DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
[Old version datasheet]   LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com