Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2346PWG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2346PWG4
Description  OPTICAL NETWORK HOT SWAP POWER MANAGER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2346PWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2346PWG4 Datasheet HTML 6Page - Texas Instruments TPS2346PWG4 Datasheet HTML 7Page - Texas Instruments TPS2346PWG4 Datasheet HTML 8Page - Texas Instruments TPS2346PWG4 Datasheet HTML 9Page - Texas Instruments TPS2346PWG4 Datasheet HTML 10Page - Texas Instruments TPS2346PWG4 Datasheet HTML 11Page - Texas Instruments TPS2346PWG4 Datasheet HTML 12Page - Texas Instruments TPS2346PWG4 Datasheet HTML 13Page - Texas Instruments TPS2346PWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TPS2346
SLUS529 – MAY 2002
10
www.ti.com
detailed description (continued)
The ramp generator consists of a series of multiplexers feeding a digital-to-analog converter (DAC) circuit which
sets the magnitude of an internal current source. When active, the current source is used to establish a constant
value source or sink current at the IRAMP pin. This current is used to alternately charge and discharge a
capacitor connected between IRAMP and ground, generating a series of sawtooth timing pulses. During turn-on
of the back-end voltages, the capacitor is charged with a 58-
µA current, then subsequently discharged with a
1.8-
µA load. A comparator in the ramp generator circuit monitors the IRAMP voltage against two alternating
thresholds, such that the voltage charges up to 1.5 V and back down to 0 V. During the rising edge of this
waveform, the voltage at IRAMP is used to develop the reference threshold at the inverting input of the active
channel’s LCA. The other input is connected to the channel’s current sense (CSx) input. The LCA slews the
GATEx output to maintain the CSx pin at the reference value. Since the CSx voltage is developed as the drop
across the external sense resistor due to load current, the current to the load is therefore ramped at a linear rate
set by the dV/dt on the IRAMP pin. Therefore, inrush slew rate limiting is easily programmed by the user with
the IRAMP capacitor, CIRAMP. For Channel 4, internal device offsets may cause the inrush profile to deviate from
the programmed curve, particularly at initial turn-on. However, the maximum sourcing limit imposed by the
VMAX4 threshold still applies.
During a load turn-on, the current sense voltage, if required in order to fully charge the back-end plane, can track
the IRAMP waveform up to approximately 1.35 V on the IRAMP pin. If the charging current achieves that level,
the LCA reference is switched automatically to the fixed IMAX reference. Load charging then continues at that
fixed level until complete or until timer expiration, whichever occurs first. For Channels 1, 2 and 3, the IMAX level
has been set to 20 mV at the CSx pin, referenced to VINx. For Channel 4, the IMAX level is 150 mV.
The precharge circuitry is powered from the VIN2 supply input. Therefore, when the 5-V supply and GND pins
mate during an insertion, or until they break contact during an extraction, the precharge actively biases the bus
signal lines to 1.0 V. The precharge block consists of a 1-V reference generator and a unity gain amplifier. The
amplifier provides source and sink capability up to 5 mA.
The ROM data cell sets the configuration information for the TPS2346. These parameters include the order of
channel sequencing, the magnitude of the charge and discharge currents at IRAMP, and the nominal voltage
range of each channel. This information is all pre-programmed at the factory; no programming by the user is
necessary.


Similar Part No. - TPS2346PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2346 TI-TPS2346 Datasheet
470Kb / 29P
[Old version datasheet]   OPTICAL NETWORK HOT SWAP POWER MANAGER
More results

Similar Description - TPS2346PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2346 TI-TPS2346 Datasheet
470Kb / 29P
[Old version datasheet]   OPTICAL NETWORK HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com