Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3922 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3922
Description  Automotive, Full-Bridge MOSFET Driver
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3922 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3922 Datasheet HTML 1Page - Allegro MicroSystems A3922 Datasheet HTML 2Page - Allegro MicroSystems A3922 Datasheet HTML 3Page - Allegro MicroSystems A3922 Datasheet HTML 4Page - Allegro MicroSystems A3922 Datasheet HTML 5Page - Allegro MicroSystems A3922 Datasheet HTML 6Page - Allegro MicroSystems A3922 Datasheet HTML 7Page - Allegro MicroSystems A3922 Datasheet HTML 8Page - Allegro MicroSystems A3922 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Automotive, Full-Bridge MOSFET Driver
A3922
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings1, 2
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VBB
–0.3 to 50
V
Pumped Regulator Terminal
VREG
VREG
–0.3 to 16
V
Charge Pump Capacitor Low Terminal
VCP1
CP1
–0.3 to 16
V
Charge Pump Capacitor High Terminal
VCP2
CP2
VCP1 – 0.3 to VREG + 0.3
V
Battery Compliant Logic Input
Terminals
VIB
HA, HBn, LAn, LB, RESETn, ENABLE
–0.3 to 50
V
Logic Input Terminals
VI
STRn, SCK, SDI
–0.3 to 6
V
Logic Output Terminals
VO
SDO
–0.3 to 6
V
Sense Amplifier Input
VCSI
CSP, CSM
–4 to 6.5
V
Sense Amplifier Output
VCSO
CSO
–0.3 to VDD + 0.3
V
Bridge Drain Monitor Terminals
VBRG
VBRG
–5 to 55
V
Bootstrap Supply Terminals
VCX
CA, CB
–0.3 to VREG + 50
V
High-Side Gate Drive Output
Terminals
VGHX
GHA, GHB
VCX – 16 to VCX + 0.3
V
Motor Phase Terminals
VSX
SA, SB
VCX – 16 to VCX + 0.3
V
Low-Side Gate Drive Output Terminals
VGLX
GLA, GLB
VREG – 16 to 16
V
Bridge Low-Side Source Terminal
VLSS
LSS
VREG – 16 to 18
V
Operating Ambient Temperature
TA
Limited by power dissipation
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Transient Junction Temperature
TJt
Overtemperature event not exceeding 10 seconds,
lifetime duration not exceeding 10 hours,
guaranteed by design characterization.
180
ºC
Storage Temperature
Tstg
–55 to 150
ºC
1
With respect to GND. Ratings apply when no other circuit operating constraints are present.
2
Lowercase “x” in pin names and symbols indicates a variable sequence character.
SPECIFICATIONS
Thermal Characteristics: May require derating at maximum conditions; see Power Derating section
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
4-layer PCB based on JEDEC standard
28
ºC/W
2-layer PCB with 3.8 in2 copper each side
38
ºC/W
RθJP
2
ºC/W
*Additional thermal information available on the Allegro website.


Similar Part No. - A3922

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A392 ETC2-A392 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
A392 ETC2-A392 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
3M Electronics
A3920-0000T 3M-A3920-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3920-0010T 3M-A3920-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3920-2000T 3M-A3920-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3922

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4940 ALLEGRO-A4940_16 Datasheet
402Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A5929 ALLEGRO-A5929 Datasheet
536Kb / 17P
   Automotive Full-Bridge MOSFET Driver
A3921 ALLEGRO-A3921_16 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3924 ALLEGRO-A3924 Datasheet
645Kb / 55P
   Automotive, Full-Bridge MOSFET Driver
A4940 ALLEGRO-A4940 Datasheet
404Kb / 14P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3921 ALLEGRO-A3921 Datasheet
401Kb / 21P
   Automotive Full Bridge MOSFET Driver
A3941 ALLEGRO-A3941 Datasheet
524Kb / 20P
   Automotive Full Bridge MOSFET Driver
August 23, 2011
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com