Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4930 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A4930
Description  Single Phase Fan Pre-Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4930 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A4930_16 Datasheet HTML 1Page - Allegro MicroSystems A4930_16 Datasheet HTML 2Page - Allegro MicroSystems A4930_16 Datasheet HTML 3Page - Allegro MicroSystems A4930_16 Datasheet HTML 4Page - Allegro MicroSystems A4930_16 Datasheet HTML 5Page - Allegro MicroSystems A4930_16 Datasheet HTML 6Page - Allegro MicroSystems A4930_16 Datasheet HTML 7Page - Allegro MicroSystems A4930_16 Datasheet HTML 8Page - Allegro MicroSystems A4930_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Single Phase Fan Pre-Driver
A4930
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VREG5
This pin should be decoupled with a 0.1 μF capacitor
to ground. VREG5 can supply up to 15 mA, which can used to
power the external Hall element.
VREG8
This pin should be decoupled with a 0.1 μF capacitor to
ground. VREG8 is used to power the low-side gate drive circuits.
Charge Pump
The charge pump is used to generate a supply
above VBB to drive the high-side MOSFETs. The VCP voltage
is internally monitored, and in the case of a fault condition, the
outputs of the device are disabled.
Lock Detect
The IC detects a locked rotor condition by checking
to ensure that the FG output signal is continuously changing. The
length of time allowed for a stoppage before evaluating a locked
condition, tLD, is set by capacitor connected to CLD pin. CLD pro-
duces a triangle waveform with a frequency that is linearly related
to the capacitor value. The definition of tLD is defined as 8 cycles
of this triangle waveform, and its value can be calculated as:
tLD = CLD × (10 s / μF) .
(1)
If an FG transition is not detected within tLD, the IC will disable
the appropriate source driver and hold both sink drivers on. The
circuit will automatically retry with a 15:1 ratio of off-time to on-
time. An RD pin logic high indicates this fault condition.
Current Limit and Soft Start
To minimize demand on the
power supply, peak current is controlled. Initially, with the fan
at a stand-still, the turn-on of the bridge results in current rising
according to the L/R time constant of the motor. To prevent over-
stress, this peak current is regulated by an internal PWM control
circuit. When the outputs of the full-bridge are turned on, current
increases in the motor winding until it reaches a value given by:
ITRIP = VREF / 5 × RSENSE .
(2)
The RSENSE value should be chosen to keep the peak sense voltage
within the range of 200 to 500 mV, according to the relationship:
RSENSE < 500 mV / ITRIP .
(3)
At the trip point, the sense comparator resets the source enable
latch, turning off the source driver. At this point, load inductance
causes the current to recirculate for 50 μs.
A soft start capacitor, CSS, can be connected to the SS pin to set
the rate for slowly ramping-up the load current to the maximum
value, according to the relationship:
tSS = (CSS × VREF) / 3.3E–6 .
(4)
In this case the current limit will likely not be achieved and there
will be less demand on the input power supply. If this feature is
not utilized, the SS pin should be left open.
Synchronous Rectification
When a PWM off-cycle is triggered,
load current recirculates. The A4930 synchronous rectification
feature turns on the appropriate MOSFETs during current decay,
and effectively shorts out the body diodes of the low RDS(on)
driver.
TSD
If the die temperature exceeds approximately 165°C, the
outputs will be disabled until the internal temperature falls below
a hysteresis level of 15°C.
Shutdown
In the event of a fault due to excessive junction
temperature, or low voltage on VCP or VBB, the outputs of
the device are disabled until the fault condition is removed. At
power-up the UVLO circuit disables the drivers until the UVLO
threshold is reached.
CPWM
This capacitor sets the frequency of the internal PWM
circuit. The value is typically from 15 to 30 kHz.
PWM
The IC accepts a direct input PWM signal with a level in
the range from 0 to 6 V. The duty cycle, DC, of the input to this
pin is converted to an analog voltage that is output on the SIN
terminal as follows:
VSIN = 3.5 V –2 × DC .
(5)
If the PWM input is not used, then leave this pin open circuit.
Direct external PWM control can be utilized by applying the
signal to the SIN input (refer to the Applications Information sec-
tion). This can be implemented to create different PWM input to
PWM output transfer functions.
Functional Description


Similar Part No. - A4930_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4930 ALLEGRO-A4930 Datasheet
206Kb / 9P
   Designed for pulse width modulated (PWM) current control of single phase brushless fans, the A4930 minimizes external component count and integrates all the key features required...
More results

Similar Description - A4930_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
logo
Rohm
BA6424AFS ROHM-BA6424AFS_1 Datasheet
290Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Eutech Microelectronics...
EUM6167 EUTECH-EUM6167 Datasheet
82Kb / 1P
   Single-Phase Full-Wave Pre Driver for Fan Motor
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com