Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4933 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A4933
Description  Automotive 3-Phase MOSFET Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4933 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A4933_16 Datasheet HTML 1Page - Allegro MicroSystems A4933_16 Datasheet HTML 2Page - Allegro MicroSystems A4933_16 Datasheet HTML 3Page - Allegro MicroSystems A4933_16 Datasheet HTML 4Page - Allegro MicroSystems A4933_16 Datasheet HTML 5Page - Allegro MicroSystems A4933_16 Datasheet HTML 6Page - Allegro MicroSystems A4933_16 Datasheet HTML 7Page - Allegro MicroSystems A4933_16 Datasheet HTML 8Page - Allegro MicroSystems A4933_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Automotive 3-Phase MOSFET Driver
A4933
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Dead Time2
tDEAD
RDEAD tied to GND
0
ns
RDEAD = 3 kΩ
180
ns
RDEAD = 30 kΩ
815
960
1110
ns
RDEAD = 240 kΩ
3.5
μs
RDEAD tied to VDD
6
μs
Logic Inputs and Outputs
FF1 and FF2 Fault Output
VFF(L)
IFF = 1 mA, fault not present
0.4
V
FF1 and FF2 Fault Output Leakage Current3
IFF(H)
VFF = 5 V, fault present
–1
1
μA
RDEAD Input Low Voltage
VDEAD(L)
0.2
V
RDEAD Current3
IDEAD
RDEAD = GND
–200
–70
μA
Input Low Voltage
VIN(L)
––
0.3 ×
VDD
V
Input High Voltage
VIN(H)
0.7 ×
VDD
––
V
Input Hysteresis
VINhys
300
500
mV
Input Current (Except RESET and CCEN)3
IIN
0 V < VIN < VDD
–1
1
μA
Input Pulldown Resistor (RESET and CCEN)
RPD
–50–
RESET Pulse Time4
tRES
0.1
3.5
μs
RESET Delay4
tDR
200
ns
FF2 Clock Input High Voltage
VILC
––
0.3 ×
VDD
V
FF2 Clock Input Low Voltage
VIHC
0.7 ×
VDD
––
V
FF2 Clock Input Hysteresis
VIChys
300
500
mV
FF2 Clock Low to Valid Data Delay4
tDF
100
ns
FF2 Clock Low to Fault Reset Delay4
tRF
100
ns
FF2 Clock High Time4
tHF
500
ns
FF2 Clock Low Time4
tLF
500
ns
Current Sense Differential Amplifier
Differential Input Voltage
VID
VID = CSP – CSN, –1.3 V < VCM < 4 V
–VDD
–VDD
mV
Input Bias Current3
IBIAS
CSP = CSN = 0 V
–100
0
100
nA
Input Offset Current3
IOS
CSP = CSN = 0 V
–100
0
100
nA
Input Offset Voltage
VIOS
CSP = CSN = 0 V
–10
+10
mV
Input Offset Voltage Drift
∆VIOS
CSP = CSN = 0 V
10
μV/°C
Input Common Mode Range
CMR
CSP = CSN
–1.5
4
V
Open Loop Gain
AVopn
40 mV< VID < 175 mV, VCM in range
100
dB
Closed Loop Gain
AVclos
40 mV< VID < 175 mV, VCM in range
5
V/V
Continued on the next page…
ELECTRICAL CHARACTERISTICS (continued) valid at TJ = –40°C to 150°C, VDD = 3 to 5.5 V, VBB = 7 to 50 V,
unless noted otherwise


Similar Part No. - A4933_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4933KJPTR-T ALLEGRO-A4933KJPTR-T Datasheet
452Kb / 25P
   Automotive 3-Phase MOSFET Driver
More results

Similar Description - A4933_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4910 ALLEGRO-A4910_16 Datasheet
780Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4935 ALLEGRO-A4935_16 Datasheet
947Kb / 25P
   Automotive 3-Phase MOSFET Driver
A4935 ALLEGRO-A4935_13 Datasheet
450Kb / 25P
   Automotive 3-Phase MOSFET Driver
A4935 ALLEGRO-A4935 Datasheet
442Kb / 24P
   Automotive 3-Phase MOSFET Driver
A4910 ALLEGRO-A4910 Datasheet
556Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4937 ALLEGRO-A4937 Datasheet
288Kb / 3P
   Automotive 3-Phase MOSFET Driver
A4933KJPTR-T ALLEGRO-A4933KJPTR-T Datasheet
452Kb / 25P
   Automotive 3-Phase MOSFET Driver
A6862 ALLEGRO-A6862 Datasheet
489Kb / 14P
   Automotive 3-Phase Isolator MOSFET Driver
A6861 ALLEGRO-A6861 Datasheet
392Kb / 11P
   Automotive 3-Phase Isolator MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com