Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4933 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A4933
Description  Automotive 3-Phase MOSFET Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4933 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A4933_16 Datasheet HTML 1Page - Allegro MicroSystems A4933_16 Datasheet HTML 2Page - Allegro MicroSystems A4933_16 Datasheet HTML 3Page - Allegro MicroSystems A4933_16 Datasheet HTML 4Page - Allegro MicroSystems A4933_16 Datasheet HTML 5Page - Allegro MicroSystems A4933_16 Datasheet HTML 6Page - Allegro MicroSystems A4933_16 Datasheet HTML 7Page - Allegro MicroSystems A4933_16 Datasheet HTML 8Page - Allegro MicroSystems A4933_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Description
The A4933 is a 3-phase controller for use with N-channel
external power MOSFETs and is specifically designed for
automotive applications.
A unique charge pump regulator provides full (>10 V) gate
drive for battery voltages down to 7 V and allows the A4933
to operate with a reduced gate drive, down to 5.5 V.
A bootstrap capacitor is used to provide the above-battery
supply voltage required for N-channel MOSFETs. An internal
charge pump for the high-side drive allows DC (100% duty
cycle) operation.
Full control over all six power FETs in the 3-phase bridge is
provided, allowing motors to be driven with block commutation
or sinusoidal excitation. The power FETs are protected from
shoot-through by integrated crossover control and resistor-
adjustable dead time.
Bridge current can be measured using an integrated current
sense amplifier. This is an uncommitted differential amplifier
with a below-ground common mode range allowing it to be
used in low-side current sense applications. Gain and offset
are defined by external resistors.
4933-DS
Features and Benefits
▪ High current 3-phase gate drive for large N-channel
MOSFETs
▪ Pin compatible with Allegro® A4935KJP
▪ Cross-conduction protection with adjustable dead time
▪ Top-off charge pump for 100% PWM
▪ Charge pump for low supply voltage operation
▪ Uncommitted current sense amplifier
▪ 5.5 to 50 V supply voltage range
▪ Compatible with 3.3 V and 5 V logic
▪ Extensive diagnostic outputs
▪ Low-current sleep mode
Automotive 3-Phase MOSFET Driver
Continued on the next page…
Package: 48-pin LQFP with exposed
thermal pad (suffix JP)
Typical Application
Not to scale
A4933
VBAT
VBAT
A4405
Regulator
Current Sense
3-Phase
BLDC
Motor
A4933
DSP
or
Micro-
controller
Control
Diagnostics


Similar Part No. - A4933_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4933KJPTR-T ALLEGRO-A4933KJPTR-T Datasheet
452Kb / 25P
   Automotive 3-Phase MOSFET Driver
More results

Similar Description - A4933_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4910 ALLEGRO-A4910_16 Datasheet
780Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4935 ALLEGRO-A4935_16 Datasheet
947Kb / 25P
   Automotive 3-Phase MOSFET Driver
A4935 ALLEGRO-A4935_13 Datasheet
450Kb / 25P
   Automotive 3-Phase MOSFET Driver
A4935 ALLEGRO-A4935 Datasheet
442Kb / 24P
   Automotive 3-Phase MOSFET Driver
A4910 ALLEGRO-A4910 Datasheet
556Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4937 ALLEGRO-A4937 Datasheet
288Kb / 3P
   Automotive 3-Phase MOSFET Driver
A4933KJPTR-T ALLEGRO-A4933KJPTR-T Datasheet
452Kb / 25P
   Automotive 3-Phase MOSFET Driver
A6862 ALLEGRO-A6862 Datasheet
489Kb / 14P
   Automotive 3-Phase Isolator MOSFET Driver
A6861 ALLEGRO-A6861 Datasheet
392Kb / 11P
   Automotive 3-Phase Isolator MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com