Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC154ME4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC154ME4
Description  High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC154ME4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC154ME4 Datasheet HTML 1Page - Texas Instruments CD74HC154ME4 Datasheet HTML 2Page - Texas Instruments CD74HC154ME4 Datasheet HTML 3Page - Texas Instruments CD74HC154ME4 Datasheet HTML 4Page - Texas Instruments CD74HC154ME4 Datasheet HTML 5Page - Texas Instruments CD74HC154ME4 Datasheet HTML 6Page - Texas Instruments CD74HC154ME4 Datasheet HTML 7Page - Texas Instruments CD74HC154ME4 Datasheet HTML 8Page - Texas Instruments CD74HC154ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
E1 to Output
tPLH, tPHL CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
E2 to Output
tPLH, tPHL CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
Output Transition Time
(Figure 1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
88
-
-
-
-
-
pF
HCT TYPES
Propagation Delay (Figure 2)
tPLH, tPHL
Address to Output
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
ns
E1 to Output
tPLH, tPHL CL = 50pF
4.5
-
-
34
-
43
-
51
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
E2 to Output
tPLH, tPHL CL = 50pF
4.5
-
34
-
43
-
51
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
84
-
-
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per gate.
5. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC154, CD74HC154, CD54HCT154, CD74HCT154


Similar Part No. - CD74HC154ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC154ME4 TI-CD74HC154ME4 Datasheet
372Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD74HC154ME4 TI-CD74HC154ME4 Datasheet
401Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
More results

Similar Description - CD74HC154ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC4514 TI-CD54HC4514_08 Datasheet
404Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514F TI-CD54HC4514F Datasheet
551Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514 TI-CD54HC4514 Datasheet
375Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54-74HC4514 TI-CD54-74HC4514 Datasheet
233Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
CD74HC139 TI-CD74HC139 Datasheet
36Kb / 6P
[Old version datasheet]   High-Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Harris Corporation
CD74HCT139 HARRIS-CD74HCT139 Datasheet
26Kb / 5P
   High Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Texas Instruments
CD54HC139 TI-CD54HC139_07 Datasheet
415Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com