Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7005MX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7005MX
Description  200mW Stereo Power Amplifier with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7005MX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7005MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7005MX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FAN7005
7
Typical Performance Characteristics (Continued)
Figure 13. Power Supply Rejection Ratio
Figure 14. Power Supply Rejection Ratio
Figure 15. Cross Talk vs. Frequency
Figure 16. Output Level vs. Frequency
Figure 18. Output Level vs. Frequency
Figure 17. Output Level vs. Frequency
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
VDD = 5V
Vripple = 250mVrms
RL = 8
Vin = 0V (Input Grounded)
Av = -1
CB = 1.0µF
CB = 10µF
CB = 100µF
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
VDD = 5V
Vripple = 250mVrms
RL = 8
Vin = 0V (Input Grounded)
Av = -1
CB = 1.0µF
CB = 10µF
CB = 100µF
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
VDD = 3V
Vripple = 200mVrms
RL = 8
Vin = 0V (Input Grounded)
Av = -1
CB = 1.0µF
CB = 10µF
CB = 100µF
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
VDD = 3V
Vripple = 200mVrms
RL = 8
Vin = 0V (Input Grounded)
Av = -1
CB = 1.0µF
CB = 10µF
CB = 100µF
Frequency (Hz)
20k
50
100
200
500
1k
2k
5k
10k
20
-100
0
-80
-60
-40
-20
-120
-140
VDD = 5V
RL = 8
Po = 200mW
0dB = 200mW
Av = -1
CB = 1.0
µF
Left To Right
Right To Left
Frequency (Hz)
20k
50
100
200
500
1k
2k
5k
10k
20
-100
0
-80
-60
-40
-20
-120
-140
VDD = 5V
RL = 8
Po = 200mW
0dB = 200mW
Av = -1
CB = 1.0
µF
Left To Right
Right To Left
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
C
O = 2200µF
C
O = 1000µF
C
O = 470µF
C
O = 220µF
VDD = 5V
RL = 8
Av = -1
CB = 1.0
µF
CIN = 10
µF
RIN = RF =20k
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
C
O = 2200µF
C
O = 1000µF
C
O = 470µF
C
O = 220µF
VDD = 5V
RL = 8
Av = -1
CB = 1.0
µF
CIN = 10
µF
RIN = RF =20k
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 32
Av = -1
CB = 1.0
µF
CIN = 10
µF
RIN = RF =20k
C
O = 470µF
C
O = 220µF
C
O = 100µF
C
O = 47µF
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 32
Av = -1
CB = 1.0
µF
CIN = 10
µF
RIN = RF =20k
C
O = 470µF
C
O = 220µF
C
O = 100µF
C
O = 47µF
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 8
Av = -1
CB = 1.0
µF
CO = 2200
µF
RIN = RF =20k
C
IN = 1.0µF
C
IN = 0.47µF
C
IN = 0.22µF
C
IN = 0.1µF
0
+5
Frequency (Hz)
20k
50
100 200
500
1k
2k
5k
10k
20
50k 100k
-4
-8
-12
-16
-20
VDD = 5V
RL = 8
Av = -1
CB = 1.0
µF
CO = 2200
µF
RIN = RF =20k
C
IN = 1.0µF
C
IN = 0.47µF
C
IN = 0.22µF
C
IN = 0.1µF


Similar Part No. - FAN7005MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7000 FAIRCHILD-FAN7000 Datasheet
59Kb / 10P
   Low Power Amplifier
FAN7000D FAIRCHILD-FAN7000D Datasheet
59Kb / 10P
   Low Power Amplifier
More results

Similar Description - FAN7005MX

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
   2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
   Stereo Headphone Amplifier With Shutdown Mode
logo
Maxim Integrated Produc...
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
logo
Global Mixed-mode Techn...
G1453 GMT-G1453 Datasheet
490Kb / 1P
   2.6W Stereo Audio Amplifier with Shutdown Mode
G1454 GMT-G1454 Datasheet
398Kb / 1P
   2.0W Stereo Audio Amplifier with Shutdown Mode
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
   2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com